Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-343MG Datasheet(PDF) 1 Page - Rohm

Part # SLR-343MG
Description  SLR-343 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343MG Datasheet(HTML) 1 Page - Rohm

  SLR-343MG Datasheet HTML 1Page - Rohm SLR-343MG Datasheet HTML 2Page - Rohm SLR-343MG Datasheet HTML 3Page - Rohm SLR-343MG Datasheet HTML 4Page - Rohm SLR-343MG Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SLR343WBC7T
Data Sheet
2.5 or 5.0
2.0
1.0 ±0.1
(2.5)
Cathode
φ3.8
φ3.1
□0.4
(unit : mm)
Tolerance :
±0.2
(unit : mm)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR-343 Series
SLR343BC7T / SLR343WBC7T
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR343BCT / ECT / BC4T / EC4T
Directivity (deg)
RELATIVE INTENSITY (%)
Viewing angle 2
θ 1/2 /
40 : Standard
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLR-343VR
GaAsP
on GaP
Red
60
20
60*1
3
-25 to +85
-30 to +100
2.0
10
10
3
630
10
5.6
16
10
SLR-343VC
9.0
25
SLR-343DU
Orange
605
5.6
16
SLR-343DC
9.0
25
SLR-343YY
Yellow
2.1
587
3.6
10
SLR-343YC
5.6
16
SLR-343MG
GaP
Green
75
25
572
SLR-343MC
9.0
25
SLR-343PG
560
2.2
6.3
SLR-343PC
SLR343ECT
InGaN
Bluish
Green
120
30
100*2
5
-20 to +80
-30 to +100
3.3
20
100
5
527
20
900
2200
20
SLR343EC4T
3.2
525
420
1500
SLR343BCT
Blue
120
30
3.3
470
200
600
SLR343BC7T
105
25
3.2
220
470
SLR343BC4T
120
30
200
SLR343WBC7T
White
105
25
(x, y)
(0.31, 0.31)
330
680
Diffused
Clear
SLR343BCT / ECT
SLR343BC4T / EC4T
SLR343BC7T
SLR343WBC7T
*1:Duty1/5, 200Hz, *2:Duty1/10, 1kHz
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Features
・Viewing angle 2θ 1/2 : 40°
・Competent to direct mount
Color
Type
V
D
Y
M
P
E
B
WB
SLR-343 Series
1/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.C


Similar Part No. - SLR-343MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343MG ROHM-SLR-343MG Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343MG ROHM-SLR-343MG Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343MG ROHM-SLR-343MG Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343MG ROHM-SLR-343MG Datasheet
164Kb / 5P
   Electrical Characteristics Curves
SLR-343MG ROHM-SLR-343MG Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-343MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343BC7TT32 ROHM-SLR343BC7TT32 Datasheet
164Kb / 5P
   SLR-343 Series
SLI-343URCT32 ROHM-SLI-343URCT32 Datasheet
138Kb / 5P
   SLI-343 Series
logo
ELESTA GmbH
SLR4 ELESTA-SLR4 Datasheet
254Kb / 1P
   SLR 4 Series
logo
Rohm
SLR-342VR3F ROHM-SLR-342VR3F Datasheet
878Kb / 4P
   SLR-342 Series
SLR-332DC3F ROHM-SLR-332DC3F Datasheet
868Kb / 4P
   SLR-332 Series
SLI-343DC3F ROHM-SLI-343DC3F Datasheet
139Kb / 4P
   SLI-343 Series
SLR343BD2T ROHM-SLR343BD2T Datasheet
128Kb / 3P
   High brightness (SLR343/SLI-343 series) Low power consumption (SLI-343(W) series)
SLR-56VR3F ROHM-SLR-56VR3F Datasheet
899Kb / 4P
   SLR-56 Series
logo
TRINAMIC Motion Control...
BB-303 TRINAMIC-BB-303 Datasheet
448Kb / 1P
   Baseboardfor TMCM-303/TMCM-343
logo
List of Unclassifed Man...
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
   Fits SOT-343 (SC-70) amplifier packages
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com