Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSR020P05 Datasheet(PDF) 8 Page - Rohm

Part # RSR020P05
Description  Pch -45V -2.0A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSR020P05 Datasheet(HTML) 8 Page - Rohm

Back Button RSR020P05 Datasheet HTML 4Page - Rohm RSR020P05 Datasheet HTML 5Page - Rohm RSR020P05 Datasheet HTML 6Page - Rohm RSR020P05 Datasheet HTML 7Page - Rohm RSR020P05 Datasheet HTML 8Page - Rohm RSR020P05 Datasheet HTML 9Page - Rohm RSR020P05 Datasheet HTML 10Page - Rohm RSR020P05 Datasheet HTML 11Page - Rohm RSR020P05 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSR020P05
lElectrical characteristic curves
10
100
1000
0.01
0.1
1
10
100
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta= -25ºC
VGS= -4.0V
1
10
100
1000
10000
0.01
0.1
1
10
100
Coss
Crss
Ciss
Ta = 25ºC
f = 1MHz
VGS = 0V
1
10
100
1000
10000
0.01
0.1
1
10
tr
tf
td(on)
td(off)
Ta=25ºC
VDD= -25V
VGS= -10V
RG=10W
0
5
10
0
5
10
Ta=25ºC
VDD= -25V
ID= 2A
RG=10W
Fig.17 Static Drain - Source On - State
Resistance vs. Drain Current(IV)
Drain Current : -ID [A]
Fig.18 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : -VDS [V]
Fig.19 Switching Characteristics
Drain Current : -ID [A]
Fig.20 Dynamic Input Characteristics
Total Gate Charge : Qg [nC]
8/11
2012.08 - Rev.A


Similar Part No. - RSR020P05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RSR020P05 VBSEMI-RSR020P05 Datasheet
986Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Rohm
RSR020P05FRA ROHM-RSR020P05FRA Datasheet
1Mb / 14P
   Pch -45V -2.0A Power MOSFET
RSR020P05HZG ROHM-RSR020P05HZG Datasheet
2Mb / 14P
   Pch -45V -2A Small Signal MOSFET
More results

Similar Description - RSR020P05

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR020P05FRA ROHM-RSR020P05FRA Datasheet
1Mb / 14P
   Pch -45V -2.0A Power MOSFET
RQ5H020SP ROHM-RQ5H020SP Datasheet
818Kb / 13P
   Pch -45V -2.0A Power MOSFET
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
   Pch 45V 4.5A Power MOSFET
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
   Pch -45V -4.5A Power MOSFET
RSS060P05HZG ROHM-RSS060P05HZG Datasheet
2Mb / 14P
   Pch -45V -6A Power MOSFET
RD3H080SPFRA ROHM-RD3H080SPFRA Datasheet
2Mb / 15P
   Pch -45V -8A Power MOSFET
RD3H160SP ROHM-RD3H160SP Datasheet
2Mb / 16P
   Pch -45V -16A Power MOSFET
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
   Pch 45V 4.5A Power MOSFET
RSS070P05FRA ROHM-RSS070P05FRA Datasheet
2Mb / 14P
   Pch -45V -7A Power MOSFET
RD3H080SP ROHM-RD3H080SP Datasheet
2Mb / 16P
   Pch -45V -8A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com