Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3257ABQ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CBT3257ABQ
Description  Quad 1-of-2 multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBT3257ABQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CBT3257ABQ Datasheet HTML 6Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 7Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 8Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 9Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 10Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 11Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 12Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 13Page - NXP Semiconductors CBT3257ABQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CBT3257A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 4 April 2013
10 of 17
NXP Semiconductors
CBT3257A
Quad 1-of-2 multiplexer/demultiplexer
Fig 9.
Package outline SOT338-1 (SSOP16)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.25
0.38
0.25
0.20
0.09
6.4
6.0
5.4
5.2
0.65
1.25
7.9
7.6
1.03
0.63
0.9
0.7
1.00
0.55
8
0
o
o
0.13
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT338-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
8
16
9
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
MO-150
pin 1 index
0
2.5
5 mm
scale
SSOP16: plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1
A
max.
2


Similar Part No. - CBT3257ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3257ABQ NEXPERIA-CBT3257ABQ Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
More results

Similar Description - CBT3257ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com