Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS16W
Description  High-speed switching diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16W Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS16W Datasheet HTML 1Page - NXP Semiconductors BAS16W Datasheet HTML 2Page - NXP Semiconductors BAS16W Datasheet HTML 3Page - NXP Semiconductors BAS16W Datasheet HTML 4Page - NXP Semiconductors BAS16W Datasheet HTML 5Page - NXP Semiconductors BAS16W Datasheet HTML 6Page - NXP Semiconductors BAS16W Datasheet HTML 7Page - NXP Semiconductors BAS16W Datasheet HTML 8Page - NXP Semiconductors BAS16W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BAS16_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2008
4 of 20
NXP Semiconductors
BAS16 series
High-speed switching diodes
5.
Limiting values
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
BAS16
[1] -
215
mA
BAS16H
BAS16L
[2] -
215
mA
BAS16T
[1] -
155
mA
BAS16VV
BAS16VY
[1][3] -
200
mA
BAS16W
[1] -
175
mA
BAS16J
BAS316
BAS516
[1] -
250
mA
IFRM
repetitive peak forward
current
tp ≤ 0.5 µs;
δ≤ 0.25
-
500
mA
IFSM
non-repetitive peak forward
current
square wave
[4]
tp =1 µs-
4
A
tp =1ms
-
1
A
tp = 1 s
-
0.5
A
Ptot
total power dissipation
BAS16
Tamb ≤ 25 °C
[1] -
250
mW
BAS16H
Tamb ≤ 25 °C
[2][5]
[6]
-
380
mW
[5][6]
[7]
-
830
mW
BAS16J
Tamb ≤ 25 °C
[5][6]
[7]
-
550
mW
BAS16L
Tamb ≤ 25 °C
[2][5]
[6]
-
250
mW
BAS16T
Tsp ≤ 90 °C
[1] -
170
mW
BAS16VV
Tamb ≤ 25 °C
[1][3]
[5][8]
-
180
mW
BAS16VY
Tsp ≤ 85 °C
[1][3]
[8]
-
250
mW
BAS16W
Tamb ≤ 25 °C
[1] -
200
mW
BAS316
Tsp ≤ 90 °C
[1][6] -
400
mW
BAS516
Tsp ≤ 90 °C
[1][5]
[6]
-
500
mW


Similar Part No. - BAS16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
110Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
BAS16W DIOTEC-BAS16W Datasheet
191Kb / 2P
   SMD Small Signal Diodes
logo
Goodwork Semiconductor ...
BAS16W GWSEMI-BAS16W Datasheet
554Kb / 3P
   Silico n Epitaxial Planar Switching Diode
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
37Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
First Components Intern...
BAS16W FCI-BAS16W Datasheet
205Kb / 1P
   200mW Surface Mount Zener Diode SWITCHING DIODE Collector current 150 mA
More results

Similar Description - BAS16W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com