Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCP68-25 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BCP68-25
Description  NPN medium power transistor 20 V, 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP68-25 Datasheet(HTML) 5 Page - NXP Semiconductors

  BCP68-25 Datasheet HTML 1Page - NXP Semiconductors BCP68-25 Datasheet HTML 2Page - NXP Semiconductors BCP68-25 Datasheet HTML 3Page - NXP Semiconductors BCP68-25 Datasheet HTML 4Page - NXP Semiconductors BCP68-25 Datasheet HTML 5Page - NXP Semiconductors BCP68-25 Datasheet HTML 6Page - NXP Semiconductors BCP68-25 Datasheet HTML 7Page - NXP Semiconductors BCP68-25 Datasheet HTML 8Page - NXP Semiconductors BCP68-25 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2003 Nov 25
5
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
handbook, full pagewidth
MSA443
1.20
(4x)
3.90
5.90
4.80
7.40
4
23
1
3.85
1.20 (3x)
1.30 (3x)
;;
;;
;;
;;
;;
;;
;;;;
;;;;
0.30
3.60
3.50
7.00
6.15
7.65
solder lands
solder resist
occupied area
solder paste
Fig.2 Standard PCB footprint for mounting SOT223 (reflow soldering).
Dimensions in mm.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn