Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ5012 Datasheet(PDF) 5 Page - 3M Electronics

Part # SJ5012
Description  Easy-to-Apply Shapes, Sizes, and Colors Match Your Application Requirements
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SJ5012 Datasheet(HTML) 5 Page - 3M Electronics

  SJ5012 Datasheet HTML 1Page - 3M Electronics SJ5012 Datasheet HTML 2Page - 3M Electronics SJ5012 Datasheet HTML 3Page - 3M Electronics SJ5012 Datasheet HTML 4Page - 3M Electronics SJ5012 Datasheet HTML 5Page - 3M Electronics SJ5012 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3MBumponProtective Products Rollstock:
is offered with three different adhesive systems on a silicone
treated paper liner
comes in standard 9" and 4.5" rolls of clear or black
sheet material
provides excellent skid resistance and anti-marring
characteristics
offers excellent adhesive anchorage to polyurethane backing
3MTPE Rollstock:
is offered with an acrylic adhesive system on easy to die cut
3 mil polyethylene silicone treated liner
provides a wider application temperature range
comes in standard black 18" rolls for wider web applications
provides good skid resistance and anti-marring characteristics
offers good adhesive anchorage to TPE backing
is press ready for converting
3MBumponProtective Products
material in rollstock and TPE rollstock
can be die-cut to meet unique size
and shape requirements. With both
polyurethane and Thermoplastic
Elastomer (TPE) Santoprene
rollstocks, you have a larger selection
of products, to meet a wider range
of temperature requirements, and
two types of liners to best match
converting process needs.


Similar Part No. - SJ5012

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SJ5000 3M-SJ5000 Datasheet
342Kb / 8P
   3M??Bumpon??Protective Products Molded Shapes - Colored and Clear Series
SJ5008BLACK 3M-SJ5008BLACK Datasheet
150Kb / 8P
   3M??Bumpon??Protective Products
logo
Analog Technologies, In...
SJ5076BLACK ANALOGTECHNOLOGIES-SJ5076BLACK Datasheet
1Mb / 20P
   MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0
More results

Similar Description - SJ5012

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5989-8853EN KEYSIGHT-5989-8853EN Datasheet
2Mb / 37P
   A guide to power product solutions to match your test and measurement needs
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
MB3216 ETC-MB3216 Datasheet
357Kb / 3P
   MB3216 SHAPES AND DIMENSIONS
logo
Mallory Sonalert Produc...
PF-27A35EPQ MSPI-PF-27A35EPQ Datasheet
118Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ MSPI-PF-20A35EWQ Datasheet
106Kb / 1P
   Contact Mallory Sonalert to discuss your application
PF-20A35EWQ-MX MSPI-PF-20A35EWQ-MX Datasheet
101Kb / 1P
   Contact Mallory Sonalert to discuss your application
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
STMicroelectronics
UM0991 STMICROELECTRONICS-UM0991 Datasheet
1Mb / 52P
   Developing and debugging your STM8L-DISCOVERY application code
logo
3M Electronics
SJ6344 3M-SJ6344 Datasheet
107Kb / 5P
   3M??Bumpon??Protective Products Molded Shapes - Easy Slide Series
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com