Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB9 Datasheet(PDF) 1 Page - Rohm

Part # EMB9
Description  General purpose (dual digital transistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB9 Datasheet(HTML) 1 Page - Rohm

  EMB9 Datasheet HTML 1Page - Rohm EMB9 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMB9 / UMB9N / IMB9A
Transistors
1/2
General purpose
(dual digital transistors)
EMB9 / UMB9N / IMB9A
Features
1) Two DTA144Ys in a EMT or UMT or SMT package.
2) Mounting possible with EMT3 or UMT3 or SMT3
automatic mounting machines.
3) Transistor elements are independent, eliminating
interference.
4) Mounting cost and area can be cut in half.
Structure
Epitaxial planar type
PNP silicon transistor (Built-in resistor type)
The following characteristics apply to both DTr1 and
DTr2.
Equivalent circuit
EMB9 / UMB9N
IMB9A
DTr2
DTr1
(3)
(2)
(1)
(3)
(2)
(1)
(4)
(5)
(6)
(4)
(5)
(6)
R1
R2
R2
R1
DTr2
DTr1
R1
R2
R2
R1
R2=47k
R1=10k
R2=47k
R1=10k
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCC
−50
V
−40
V
VIN
6
IO
−70
mA
IC (Max.)
−100
Tj
150
˚C
Tstg
−55 to +150
˚C
Pd
EMB9, UMB9N
150 (TOTAL)
mW
IMB9A
300 (TOTAL)
∗1
∗2
Supply voltage
Input voltage
Output current
Junction temperature
Storage temperature
Power
dissipation
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
External dimensions (Unit : mm)
ROHM : EMT6
EMB9
ROHM : UMT6
EIAJ : SC-88
UMB9N
Abbreviated symbol : B9
Abbreviated symbol : B9
Abbreviated symbol : B9
ROHM : SMT6
EIAJ : SC-74
IMB9A
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
0.1Min.
2.1
1.25
0.3to0.6
2.8
1.6
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - EMB9

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB9 ROHM-EMB9 Datasheet
67Kb / 2P
   General purpose dual digital transistors
logo
Shenzhen Jin Yu Semicon...
EMB9 HTSEMI-EMB9 Datasheet
384Kb / 1P
   dual digital transistors (PNP PNP)
logo
List of Unclassifed Man...
EMB9 ETC2-EMB9 Datasheet
51Kb / 2P
   General purpose (dual digital transistors)
logo
Jiangsu Changjiang Elec...
EMB9 JIANGSU-EMB9 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
Excelliance MOS Corp.
EMB90A08G EXCELLIANCE-EMB90A08G Datasheet
195Kb / 5P
   Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB9

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com