Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP3253CZ16-8-TTL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP3253CZ16-8-TTL
Description  Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP3253CZ16-8-TTL Datasheet(HTML) 1 Page - NXP Semiconductors

  IP3253CZ16-8-TTL Datasheet HTML 1Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 2Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 3Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 4Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 5Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 6Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 7Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 8Page - NXP Semiconductors IP3253CZ16-8-TTL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
The IP3253/IP3254-TTL family consists of 4-, 6- and 8-channel LC low-pass filter arrays
designed to filter unwanted RF signals on the I/O ports of portable communication and
computing devices. In addition, the IP3253/IP3254-TTL family incorporates diodes which
protect downstream components from ElectroStatic Discharge (ESD) voltages
up to
±15 kV.
These devices are fabricated using monolithic silicon technology integrating up to
8 inductors and 16 diodes in a 0.4 mm pitch 8-, 12- or 16-pin ultra-thin leadless
Quad Flat No-leads (QFN) plastic package.
1.2 Features and benefits
Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
4-, 6- and 8-channel integrated
π-type LC filter network
ESD protection to
±15 kV contact discharge according to IEC 61000-4-2, level 4
ESD protection to
±30 kV contact discharge according to MIL-STD-883 (method 3015)
Human Body Model (HBM)
QFN plastic package with 0.4 mm pitch and 0.5 mm height
1.3 Applications
General-purpose ElectroMagnetic Interference (EMI), Radio-Frequency
Interference (RFI) filtering and downstream ESD protection for:
Cellular phone and Personal Communication System (PCS) mobile handsets
Cordless telephones
Wireless data (WAN/LAN) systems
IP3253/IP3254-TTL
Integrated 4-, 6- and 8-channel passive EMI-filter network with
high-level ESD protection
Rev. 1 — 5 May 2011
Product data sheet


Similar Part No. - IP3253CZ16-8-TTL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP325 ETC2-IP325 Datasheet
336Kb / 1P
   6x PCI-E Gigabit LAN ports, up to 8 ports
IP325 ETC2-IP325 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - IP3253CZ16-8-TTL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP4252CZ12-6-TTL PHILIPS-IP4252CZ12-6-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
Nexperia B.V. All right...
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
   Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
logo
ON Semiconductor
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com