Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12C509 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC12C509
Description  8-Pin, 8-Bit CMOS Microcontrollers
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C509 Datasheet(HTML) 4 Page - Microchip Technology

  PIC12C509 Datasheet HTML 1Page - Microchip Technology PIC12C509 Datasheet HTML 2Page - Microchip Technology PIC12C509 Datasheet HTML 3Page - Microchip Technology PIC12C509 Datasheet HTML 4Page - Microchip Technology PIC12C509 Datasheet HTML 5Page - Microchip Technology PIC12C509 Datasheet HTML 6Page - Microchip Technology PIC12C509 Datasheet HTML 7Page - Microchip Technology PIC12C509 Datasheet HTML 8Page - Microchip Technology PIC12C509 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
PIC12C5XX
DS40139E-page 4
© 1999 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The PIC12C5XX from Microchip Technology is a fam-
ily of low-cost, high performance, 8-bit, fully static,
EEPROM/EPROM/ROM-based CMOS microcontrol-
lers. It employs a RISC architecture with only 33 sin-
gle word/single cycle instructions. All instructions are
single cycle (1
µs) except for program branches
which take two cycles. The PIC12C5XX delivers per-
formance an order of magnitude higher than its com-
petitors in the same price category. The 12-bit wide
instructions are highly symmetrical resulting in 2:1
code compression over other 8-bit microcontrollers in
its class. The easy to use and easy to remember
instruction set reduces development time signifi-
cantly.
The PIC12C5XX products are equipped with special
features that reduce system cost and power require-
ments. The Power-On Reset (POR) and Device Reset
Timer (DRT) eliminate the need for external reset cir-
cuitry. There are four oscillator configurations to choose
from, including INTRC internal oscillator mode and the
power-saving LP (Low Power) oscillator mode. Power
saving SLEEP mode, Watchdog Timer and code
protection features also improve system cost, power
and reliability.
The PIC12C5XX are available in the cost-effective
One-Time-Programmable (OTP) versions which are
suitable for production in any volume. The customer
can take full advantage of Microchip’s price leadership
in OTP microcontrollers while benefiting from the OTP’s
flexibility.
The PIC12C5XX products are supported by a full-fea-
tured macro assembler, a software simulator, an in-cir-
cuit emulator, a ‘C’ compiler, fuzzy logic support tools,
a low-cost development programmer, and a full fea-
tured programmer. All the tools are supported on IBM®
PC and compatible machines.
1.1
Applications
The PIC12C5XX series fits perfectly in applications
ranging from personal care appliances and security
systems to low-power remote transmitters/receivers.
The EPROM technology makes customizing applica-
tion programs (transmitter codes, appliance settings,
receiver frequencies, etc.) extremely fast and conve-
nient, while the EEPROM data memory technology
allows for the changing of calibration factors and secu-
rity codes. The small footprint packages, for through
hole or surface mounting, make this microcontroller
series perfect for applications with space limitations.
Low-cost, low-power, high performance, ease of use
and I/O flexibility make the PIC12C5XX series very ver-
satile even in areas where no microcontroller use has
been considered before (e.g., timer functions, replace-
ment of “glue” logic and PLD’s in larger systems, copro-
cessor applications).


Similar Part No. - PIC12C509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C509 MICROCHIP-PIC12C509 Datasheet
526Kb / 84P
   8-Pin, 8-Bit CMOS Microcontroller
1996
PIC12C509 MICROCHIP-PIC12C509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C509 MICROCHIP-PIC12C509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C509 MICROCHIP-PIC12C509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509 MICROCHIP-PIC12C509 Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results

Similar Description - PIC12C509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C5XX MICROCHIP-PIC12C5XX Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C509A-04I MICROCHIP-PIC12C509A-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE519-04I MICROCHIP-PIC12CE519-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509-04 MICROCHIP-PIC12C509-04 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE518-04SM MICROCHIP-PIC12CE518-04SM Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE518-04I MICROCHIP-PIC12CE518-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC16C62B MICROCHIP-PIC16C62B_13 Datasheet
1Mb / 122P
   28-Pin 8-Bit CMOS Microcontrollers
11/29/12 1998-2013
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
   8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com