Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM038S1-00 Datasheet(PDF) 1 Page - Alpha Industries

Part # AM038S1-00
Description  33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AM038S1-00 Datasheet(HTML) 1 Page - Alpha Industries

  AM038S1-00 Datasheet HTML 1Page - Alpha Industries AM038S1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 2/00A
33–43 GHz GaAs MMIC Single
Balanced Down Converter Mixer
Features
I Low Conversion Loss, 6.5 dB
I Low LO Power Requirement, 6 dBm
I Wide IF Bandwidth, 0–5 GHz
I No DC Bias Required
Description
Alpha’s single balanced GaAs Schottky diode mixer has
a typical conversion loss of 6.5 dB at an LO power level
as low as 6.5 dBm over the band 33–43 GHz. The chip
uses Alpha’s proven Schottky diode technology, and is
based upon MBE layers for the highest uniformity and
repeatability. The diodes employ surface passivation to
ensure a rugged, reliable part with through-substrate via
holes and gold-based backside metallization to facilitate
an epoxy die attach process. All chips are screened for
DC diode parameters and lot samples are RF measured
to guarantee performance.
Dimensions indicated in mm.
All pads are
≥ 0.07 mm wide.
Chip thickness = 0.1 mm.
Chip Outline
Parameter
Symbol
Min.
Typ.2
Max.
Unit
RF and LO Frequency Range
FRF, FLO
33–43
GHz
IF Frequency Range
FIF
0–5
GHz
LO Power Level
PLO
6–18
dBm
Conversion Loss1
LC
6.5
dB
RF and LO Return Loss1
RLRF, RLLO
25
dB
LO to RF Isolation1
ISOLO-RF
15
dB
LO to IF Isolation1
ISOLO-IF
45
dB
RF Input 1 dB Compression Point1
P1 dB
5
dBm
Individual Diode Series Resistance
RS
3.3
Electrical Specifications at 25°C
OHMIC ADDED 9-4-92
OHMIC ADDED 9-4-92
0.000
1.435
1.102
1.121
Absolute Maximum Ratings
Characteristic
Value
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Total Input Power (RF + LO)
20 dBm
AM038S1-00
1. Not measured on a 100% basis.
2. Typical represents the median parameter value across the specified
frequency range for the median chip.


Similar Part No. - AM038S1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
   33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
   33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
More results

Similar Description - AM038S1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
   26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
   33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
   26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
   33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
   26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
   26-33 GHz Surface Mount Single Balanced Down Converter Mixer
logo
Hittite Microwave Corpo...
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
HMC411MS8G HITTITE-HMC411MS8G_08 Datasheet
184Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
HMC774 HITTITE-HMC774_09 Datasheet
250Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz
logo
Alpha Industries
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
   26-33 GHz Surface Mount Double Balanced Down Converter Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com