Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM038D1-00 Datasheet(PDF) 1 Page - Alpha Industries

Part No. AM038D1-00
Description  33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AM038D1-00 Datasheet(HTML) 1 Page - Alpha Industries

  AM038D1-00 Datasheet HTML 1Page - Alpha Industries AM038D1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 2/00A
33–43 GHz GaAs MMIC
Double Balanced Down Converter Mixer
Features
I Low Conversion Loss, 6.5 dB
I Insensitive to LO Power Variations
I Low LO Power Requirement, 9 dBm
I High LO to RF Isolation, 30 dB
I No DC Bias Required
Description
Alpha’s double balanced GaAs Schottky diode mixer has
a typical conversion loss of 6.5 dB at an LO power level
as low as 9 dBm over the band 33–43 GHz. The chip uses
Alpha’s proven Schottky diode technology, and is based
upon MBE layers for the highest uniformity and
repeatability. The diodes employ surface passivation to
ensure a rugged, reliable part with through-substrate via
holes and gold-based backside metallization to facilitate
an epoxy die attach process. All chips are screened for
DC diode parameters and lot samples are RF measured
to guarantee performance.
Dimensions indicated in mm.
All pads are
≥ 0.07 mm wide.
Chip thickness = 0.1 mm.
Chip Outline
Parameter
Symbol
Min.
Typ.2
Max.
Unit
RF and LO Frequency Range
FRF, FLO
33–43
GHz
IF Frequency Range
FIF
0–5
GHz
LO Power Level
PLO
9–21
dBm
Conversion Loss1
LC
6.5
dB
RF and LO Return Loss1
RLRF, RLLO
18
dB
LO to RF Isolation1
ISOLO-RF
30
dB
LO to IF Isolation1
ISOLO-IF
25
dB
RF Input 1 dB Compression Point1
P1 dB
7
dBm
Two Parallel Diode Series Resistance
RS
1.5
Electrical Specifications at 25°C
50 OHMS
50 OHMS
50OHMS
50OHMS
0.000
1.785
1.258
0.085
0.889
0.490
Absolute Maximum Ratings
Characteristic
Value
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Total Input Power (RF + LO)
23 dBm
AM038D1-00
1. Not measured on a 100% basis.
2. Typical represents the median parameter value across the specified
frequency range for the median chip.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn