Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX110 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DX110 Datasheet HTML 7Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 8Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 9Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 10Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 11Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 12Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 13Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 14Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
An 80W Antistatic Peritronic soldering pencil that gives
all-round vision when making intricate connections. Anti-
static cord and handle. Electronically temperature con-
trolled. Consists of MPR 80 Antistatic and KH 25P Support.
The 65W micro pencil is up to the task with superior per-
formance for both heat-up and thermal efficiency. Suitable
to handle all micro components and fine pitch tasks. The
WMP provides an extremely short tip-to-grip distance. The
heater is integrated into the handle. When the tip wear
out the heating element goes on. WMP set consisting of
WMP micro soldering pencil and WPHM holder for WMP.
The WST 20, 50W/24V, copes with all known thermoelas-
tic plastics. Adjustable for a stripping length up to 30 mm.
Additional blades available for stripping flat cables and
shrinking.
The WST 82 is the 80 W equipment of the WST 20.
Adjustable for a stripping length up to 30 mm. Additional
blades available for stripping flat cables and shrinking.
With a heating surface of 80 x 50 mm, they preheat IC
boards prior to micro rework.
This tweezer is used to desolder SMD components. The
tweezer has two moveable heating elements. WTA 50 set,
consisting of WTA 50 Tweezer, AK 51 Support for Tweezer.
The intelligence of the digital Weller units can be further
enhanced by being programmed by the WCB 2 Calibration
unit. The WCB 2 feature temperature lock-out and off-set
capabilities up to +40˚C. The WCB 2 has the added ability
to PC interface (RS 232) and a thermoelement type K and
measuring tip.
WST 20 Thermal wire stripper with support
WTA 50 Tweezer
WSB 80 Solder bath
WSB 150 Solder bath
WCB 2 Calibration unit
WST 82 Thermal wire stripper with support
MPR 80 Antistatic Peritronic soldering pencil
WMP Micro soldering pencil
WHP 80 (80W/24V) Preheating plate
The WSB 150 solder bath is optimally suited to tin coating
and preparation of soldering components. It has a tem-
perature range of 50°C– 550°C with heat output of 150W,
making the WSB solder bath an ideal accessory to the
Weller WSD 150 soldering station. To guard against drip-
ping solder residue, the solder bath is placed in a V2A tray,
supplied as an optional extra. (Usable for lead free solder.)
The WSB 80 is a very useful rework preparation tool.
The solder bath is temperature controlled continuously
from 50˚C to 450˚C via an existing 80W power source.
The solder bath can be used to tin wire ends and clean
leads of all extraneous solder particles in preparation for
reworking. (Usable for lead free solder.)
WST 20
005 25 030 99
MPR 80
005 33 131 99
WMP
005 33 155 99
WHP 80
005 27 028 99
WCB 2
005 31 180 99
WSB 150
005 27 042 99
WSB 80
005 27 040 99
WTA 50
005 33 133 99


Similar Part No. - DX110

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
DX1116 BULGIN-DX1116 Datasheet
65Kb / 1P
   4mm LED Indicators
DX1117 BULGIN-DX1117 Datasheet
65Kb / 1P
   4mm LED Indicators
DX1118 BULGIN-DX1118 Datasheet
65Kb / 1P
   4mm LED Indicators
DX1119 BULGIN-DX1119 Datasheet
65Kb / 1P
   4mm LED Indicators
DX1120 BULGIN-DX1120 Datasheet
68Kb / 1P
   5mm LED Indicators
More results

Similar Description - DX110

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
A1042 ETC1-A1042 Datasheet
1Mb / 24P
   Desoldering Tool
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
   Soldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
Vectron International, ...
VX-501-DUAL VECTRON-VX-501-DUAL Datasheet
148Kb / 6P
   Base Stations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com