Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6225616ML-45LLET Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY6225616ML-45LLET
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6225616ML-45LLET Datasheet(HTML) 5 Page - Lyontek Inc.

  LY6225616ML-45LLET Datasheet HTML 1Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 2Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 3Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 4Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 5Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 6Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 7Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 8Page - Lyontek Inc. LY6225616ML-45LLET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LY6225616
Rev. 1.5
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
TRUTH TABLE
MODE
CE#
OE#
WE# LB#
UB#
I/O OPERATION
SUPPLY CURRENT
DQ0-DQ7
DQ8-DQ15
Standby
H
X
X
X
X
X
X
H
X
H
High – Z
High – Z
High – Z
High – Z
ISB1
Output Disable
L
L
H
H
H
H
L
X
X
L
High – Z
High – Z
High – Z
High – Z
ICC,ICC1
Read
L
L
L
L
L
L
H
H
H
L
H
L
H
L
L
DOUT
High – Z
DOUT
High – Z
DOUT
DOUT
ICC,ICC1
Write
L
L
L
X
X
X
L
L
L
L
H
L
H
L
L
DIN
High – Z
DIN
High – Z
DIN
DIN
ICC,ICC1
Note:
H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
*1
2.4
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
-
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
Other pins at VIL or VIH
-45
-
45
70
mA
-55
-
40
60
mA
- 70
-
30
50
mA
ICC1
Cycle time = 1µs
CE# = 0.2V , II/O = 0mA
Other pins at 0.2V or VCC - 0.2V
-
4
10
mA
Standby Power
Supply Current
ISB1
CE#
V
CC - 0.2V
Others at 0.2V or
VCC - 0.2V
LL/LLE/LLI
-
5
50
µA
SL
*5
SLE
*5
SLI
*5
25℃
-
3
10
µA
40℃
-
3
10
µA
SL/SLE/SLI
-
5
25
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V


Similar Part No. - LY6225616ML-45LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616ML-45LLET LYONTEK-LY6225616ML-45LLET Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6225616ML-45LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com