Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY622568SL-70SLIT Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY622568SL-70SLIT
Description  256K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY622568SL-70SLIT Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY622568SL-70SLIT Datasheet HTML 5Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 6Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 7Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 8Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 9Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 10Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 11Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 12Page - Lyontek Inc. LY622568SL-70SLIT Datasheet HTML 13Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LY622568
Rev. 2.4
256K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
PACKAGE OUTLINE DIMENSION
32 pin 8mm x 20mm TSOP-I Package Outline Dimension
UNIT
SYM.
INCH(BASE)
MM(REF)
A
0.047 (MAX)
1.20 (MAX)
A1
0.004 ±0.002
0.10 ±0.05
A2
0.039 ±0.002
1.00 ±0.05
b
0.009 ±0.002
0.22 ±0.05
c
0.006 ±0.002
0.155 ±0.055
D
0.724 ±0.008
18.40 ±0.20
E
0.315 ±0.008
8.00 ±0.20
e
0.020 (TYP)
0.50 (TYP)
HD
0.787 ±0.008
20.00 ±0.20
L
0.024 ±0.004
0.60 ±0.10
L1
0.0315 ±0.004 0.08 ±0.10
y
0.003 (MAX)
0.08 (MAX)
Θ
0
o~5o
0
o~5o


Similar Part No. - LY622568SL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568SL-70SLIT LYONTEK-LY622568SL-70SLIT Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY622568SL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com