Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP1640T-ICHY Datasheet(PDF) 1 Page - Microchip Technology

Part No. MCP1640T-ICHY
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640T-ICHY Datasheet(HTML) 1 Page - Microchip Technology

  MCP1640T-ICHY Datasheet HTML 1Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 2Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 3Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 4Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 5Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 6Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 7Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 8Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2010 Microchip Technology Inc.
DS22234A-page 1
MCP1640/B/C/D
Features
• Up to 96% Typical Efficiency
• 800 mA Typical Peak Input Current Limit:
-IOUT > 100 mA @ 1.2V VIN, 3.3V VOUT
-IOUT > 350 mA @ 2.4V VIN, 3.3V VOUT
-IOUT > 350 mA @ 3.3V VIN, 5.0V VOUT
• Low Start-up Voltage: 0.65V, typical 3.3V VOUT
@ 1 mA
• Low Operating Input Voltage: 0.35V, typical
3.3VOUT @ 1 mA
• Adjustable Output Voltage Range: 2.0V to 5.5V
• Maximum Input Voltage
 V
OUT < 5.5V
• Automatic PFM/PWM Operation (MCP1640/C):
- PFM Operation Disabled (MCP1640B/D)
- PWM Operation: 500 kHz
• Low Device Quiescent Current: 19 µA, typical
PFM Mode
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft-Start
• Selectable, Logic Controlled, Shutdown States:
- True Load Disconnect Option (MCP1640/B)
- Input to Output Bypass Option (MCP1640C/D)
• Shutdown Current (All States): < 1 µA
• Low Noise, Anti-Ringing Control
• Overtemperature Protection
• Available Packages:
-SOT23-6
- 2x3 8-Lead DFN
Applications
• One, Two and Three Cell Alkaline and NiMH/NiCd
Portable Products
• Single Cell Li-Ion to 5V Converters
• Li Coin Cell Powered Devices
• Personal Medical Products
• Wireless Sensors
• Handheld Instruments
• GPS Receivers
• Bluetooth Headsets
• +3.3V to +5.0V Distributed Power Supply
General Description
The MCP1640/B/C/D is a compact, high-efficiency,
fixed frequency, synchronous step-up DC-DC con-
verter. It provides an easy-to-use power supply solution
for applications powered by either one-cell, two-cell, or
three-cell alkaline, NiCd, NiMH, one-cell Li-Ion or
Li-Polymer batteries.
Low-voltage technology allows the regulator to start up
without high inrush current or output voltage overshoot
from a low 0.65V input. High efficiency is accomplished
by integrating the low resistance N-Channel Boost
switch
and
synchronous
P-Channel
switch.
All
compensation and protection circuitry are integrated to
minimize
external
components.
For
standby
applications, the MCP1640 operates and consumes
only 19 µA while operating at no load and provides a
true disconnect from input to output while shut down
(EN = GND). Additional device options are available
that operate in PWM only mode and connect input to
output bypass while shut down.
A “true” load disconnect mode provides input to output
isolation while disabled by removing the normal boost
regulator diode path from input to output. A bypass
mode option connects the input to the output using the
integrated low resistance P-Channel MOSFET, which
provides a low bias keep alive voltage for circuits
operating in Deep Sleep mode. Both options consume
less than 1 µA of input current.
Output voltage is set by a small external resistor
divider. Two package options, SOT23-6 and 2x3
DFN-8, are available.
Package Types
MCP1640
2x3 DFN*
PGND
SGND
EN
VOUTS
VOUTP
1
2
3
4
8
7
6
5 SW
VIN
VFB
EP
9
4
1
2
3
6 VIN
VFB
SW
GND
EN
5 VOUT
MCP1640
6-Lead SOT23
* Includes Exposed Thermal Pad (EP); see Table 3-1.
0.65V Start-up Synchronous Boost Regulator with True
Output Disconnect or Input/Output Bypass Option


Similar Part No. - MCP1640T-ICHY

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640T-ICHY

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
Power IC Ltd.
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
Intersil Corporation
Intersil Corporation
ISL91117 INTERSIL-ISL91117 Datasheet
528Kb / 12P
   High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
Renesas Technology Corp
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz