Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM028S1-00 Datasheet(PDF) 2 Page - Alpha Industries

Part No. AM028S1-00
Description  26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALPHA [Alpha Industries]
Homepage  http://www.alphaind.com
Logo 

AM028S1-00 Datasheet(HTML) 2 Page - Alpha Industries

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
26–33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM028S1-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 2/00A
46
8
10
12
14
16
18
Performance vs. LO Power
FRF = 28 GHz, FLO = 27 GHz, PRF = -10 dBm
4
6
8
10
12
14
LO Power (dBm)
0
10
20
30
40
50
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
01234
10
89
7
6
5
Performance vs. IF Frequency
FRF = 28 GHz, FLO = FRF + FIF, PLO = 10 dBm
4
6
8
10
12
14
IF Frequency (GHz)
IF
RF
LO
90˚ Phase Shifter/Splitter
IF
RF
LO
Performance vs. LO Frequency
FRF = FLO + 1 GHz, PRF = 10 dBm
LO Frequency (GHz)
0
10
20
30
40
50
4
6
8
10
12
14
25
26
27
28
29
30
31
32
33
34
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
Typical Performance Data
Wire Bonding Configuration
Circuit Schematic


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn