Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AM028R1-00 Datasheet(PDF) 2 Page - Alpha Industries

Part No. AM028R1-00
Description  26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALPHA [Alpha Industries]
Homepage  http://www.alphaind.com
Logo 

AM028R1-00 Datasheet(HTML) 2 Page - Alpha Industries

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
26–33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028R1-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 2/00A
Performance vs. LO Power
FRF = 30.3 GHz, FLO = 28 GHz, PRF = -10 dBm
LO Power (dBm)
6
8
10
12
14
16
7
9
11
13
15
17
19
0
10
20
30
40
50
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
LO Power (dBm)
Image Rejection vs. LO Power
FRF = 30.3 GHz, FLO = 28 GHz, PRF = -10 dBm
Image Frequency = 25.7 GHz
0
5
10
15
20
25
7
9
11
13
15
17
19
LO Frequency (GHz)
0
5
10
15
20
25
Image Rejection vs. LO Frequency
FRF = FLO + 2 GHz, PLO = 12 dBm
Image Frequency = FLO - 2 GHz
25
26
27
28
29
30
31
32
33
34
50OHMS
50OHMS
RF
LO
IF1
IF2
90˚ Phase Shifter/Splitter
0˚ Splitter
LO
IF1
IF2
RF
LO Frequency (GHz)
6
8
10
12
14
16
25
26
27
28
29
30
31
32
33
34
0
10
20
30
40
50
Performance vs. LO Frequency
FRF = FLO + 2 GHz, PLO = 12 dBm
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
Typical Performance Data
Wire Bonding Configuration
Circuit Schematic
IF ports bonded to IF hybrid.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn