Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE21XKY330JM02 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # DE21XKY330JM02
Description  Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE21XKY330JM02 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DE21XKY330JM02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE21XKY330JM02 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
9
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
DE1B3KX101KpppL01
250
B
100
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX151KpppL01
250
B
150
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX221KpppL01
250
B
220
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX331KpppL01
250
B
330
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX471KpppL01
250
B
470
±10%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1B3KX681KpppL01
250
B
680
±10%
9 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX102MpppL01
250
E
1000
±20%
7 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX152MpppL01
250
E
1500
±20%
8 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX222MpppL01
250
E
2200
±20%
9 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX332MpppL01
250
E
3300
±20%
10 max.
10.0
7.0 max.
A4B
B4B
N4A
DE1E3KX472MpppL01
250
E
4700
±20%
12 max.
10.0
7.0 max.
A4B
B4B
N4A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KX) and capacitance of products
in the parts list when it is required for applying safety standard of electric equipment.
s Standard Certification
Standard No.
Rated Voltage
Certified No.
UL
CSA
VDE
BSI
SEMKO
DEMKO
FIMKO
NEMKO
ESTI
IMQ
E37921
1343810
40002831
KM 37901
812158
314577
24191
P08209173
08.0707
V4069
AC250V(r.m.s.)
UL1414
E384-14
IEC 60384-14
EN 60384-14
EN 60065 (8.8, 14.2)
IEC 60384-14
EN 60384-14
IEC 60384-14
EN 60384-14
EN 60384-14
• The certification number might change by the revision of the application
standard and the change within the range of acquisition.
• Please contact us when the certification of Chinese Safety Standard or South
Korean Safety Standard is necessary.
s Marking
t Manufactured Date Code
Class Code
X1Y1
Rated Voltage Mark
250~
e Capacitance Tolerance
w Nominal Capacitance
(Marked with 3 figures)
q Type Designation KX
472M
KX250~
X1 Y1
8
65
q
w
e
r
t
Example
Item
r Company Name Code
: Made in Taiwan
: Made in Thailand
8
15
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C85E.pdf
08.10.29


Similar Part No. - DE21XKY330JM02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE21XKY330JM02 MURATA-DE21XKY330JM02 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XKY330JM02 MURATA-DE21XKY330JM02 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XKY330JM02 MURATA-DE21XKY330JM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE21XKY330JM02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com