Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6225616ML-70LLIM Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY6225616ML-70LLIM
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6225616ML-70LLIM Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY6225616ML-70LLIM Datasheet HTML 5Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 6Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 7Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 8Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 9Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 10Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 11Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 12Page - Lyontek Inc. LY6225616ML-70LLIM Datasheet HTML 13Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LY6225616
Rev. 1.5
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
WRITE CYCLE 3 (LB#,UB# Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
LB#,UB#
tCW
CE#
Address
tWR
tAS
tAW
tWC
tWP
tBW
Notes :
1.WE#,CE#, LB#, UB# must be high during all address transitions.
2.A write occurs during the overlap of a low CE#, low WE#, LB# or UB# = low.
3.During a WE# controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be
placed on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE#, LB#, UB# low transition occurs simultaneously with or after WE# low transition, the outputs remain in a high impedance
state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.


Similar Part No. - LY6225616ML-70LLIM

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616ML-70LLI LYONTEK-LY6225616ML-70LLI Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616ML-70LLIT LYONTEK-LY6225616ML-70LLIT Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6225616ML-70LLIM

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com