Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6225616ML-.55LLIM Datasheet(PDF) 7 Page - Lyontek Inc.

Part # LY6225616ML-.55LLIM
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6225616ML-.55LLIM Datasheet(HTML) 7 Page - Lyontek Inc.

Back Button LY6225616ML-.55LLIM Datasheet HTML 3Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 4Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 5Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 6Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 7Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 8Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 9Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 10Page - Lyontek Inc. LY6225616ML-.55LLIM Datasheet HTML 11Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LY6225616
Rev. 1.5
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
6
®
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2)
Dout
Data Valid
tOH
tAA
Address
tRC
Previous Data Valid
READ CYCLE 2 (CE# and OE# Controlled) (1,3,4,5)
Dout
Data Valid
High-Z
High-Z
tCLZ
tOLZ
tCHZ
tOHZ
tOH
OE#
tOE
LB#,UB#
tBHZ
tACE
CE#
tAA
Address
tRC
tBA
tBLZ
Notes :
1.WE#is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low, LB# or UB# = low.
3.Address must be valid prior to or coincident with CE# = low, LB# or UB# = low transition; otherwise tAA is the limiting parameter.
4.tCLZ, tBLZ, tOLZ, tCHZ, tBHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tBHZ is less than tBLZ, tOHZ is less than tOLZ.


Similar Part No. - LY6225616ML-.55LLIM

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616ML-45LL LYONTEK-LY6225616ML-45LL Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616ML-45LLE LYONTEK-LY6225616ML-45LLE Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616ML-45LLET LYONTEK-LY6225616ML-45LLET Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616ML-45LLI LYONTEK-LY6225616ML-45LLI Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616ML-45LLIT LYONTEK-LY6225616ML-45LLIT Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6225616ML-.55LLIM

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com