Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6125616ML-25ET Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY6125616ML-25ET
Description  5V 256K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6125616ML-25ET Datasheet(HTML) 2 Page - Lyontek Inc.

  LY6125616ML-25ET Datasheet HTML 1Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 2Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 3Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 4Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 5Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 6Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 7Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 8Page - Lyontek Inc. LY6125616ML-25ET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LY6125616
Rev. 2.4
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 10/15/20/25ns
Low power consumption:
Operating current : 215/140/110/100mA(MAX.)
Standby current :
15mA(MAX. for 10ns)
3mA(MAX. for 15/20/25ns)
100µA( (MAX. for 15/20/25ns LL version)
Single 5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY6125616 is a 4,194,304-bit low power CMOS
static random access memory organized as 262,144
words by 16 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY6125616 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY6125616 operates from a single power
supply of 5V and all inputs and outputs are fully TTL
compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc
Range
Speed
Power Dissipation
Standby(ISB1)
Operating(Icc)
LY6125616
0 ~ 70℃
4.5 ~ 5.5V
10ns
15mA(MAX.)
215mA(MAX.)
LY6125616(I)
-40 ~ 85℃
4.5 ~ 5.5V
10ns
15mA(MAX.)
215mA(MAX.)
LY6125616
0 ~ 70℃
4.5 ~ 5.5V
15/20/25ns
3mA(MAX.) 140/110/100mA(MAX.)
LY6125616(E)
-20 ~ 80℃
4.5 ~ 5.5V
15/20/25ns
3mA(MAX.) 140/110/100mA(MAX.)
LY6125616(I)
-40 ~ 85℃
4.5 ~ 5.5V
15/20/25ns
3mA(MAX.) 140/110/100mA(MAX.)
LY6125616(LL)
0 ~ 70℃
4.5 ~ 5.5V
15/20/25ns
100µA(MAX.) 140/110/100mA(MAX.)
LY6125616(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
15/20/25ns
100µA(MAX.) 140/110/100mA(MAX.)


Similar Part No. - LY6125616ML-25ET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6125616ML LYONTEK-LY6125616ML Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY6125616ML-25ET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568 Datasheet
153Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816_1008 LYONTEK-LY6112816_1008 Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com