Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6125616ML-25LLI Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY6125616ML-25LLI
Description  5V 256K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6125616ML-25LLI Datasheet(HTML) 1 Page - Lyontek Inc.

  LY6125616ML-25LLI Datasheet HTML 1Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 2Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 3Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 4Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 5Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 6Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 7Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 8Page - Lyontek Inc. LY6125616ML-25LLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LY6125616
Rev. 2.4
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Mar.23.2006
Rev. 1.1
Revised VIL = 0.6V => 0.8V
Jun.9.2006
Rev. 1.2
Revised Package Outline Dimension(TSOP-II)
Apr.12.2007
Rev. 2.0
Added LL Spec.
Revised Test Condition of ISB1/IDR
Added -12ns Spec.
Revised ICC and ISB1
Added I grade
Revised ABSOLUTE MAXIMUN RATINGS
Jun.25.2007
Rev. 2.1
Revised Test Condition of ICC
Revised FEATURES & ORDERING INFORMATION Lead free
and green package available to Green package available
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Added packing type in ORDERING INFORMATION
Apr.17.2009
Rev. 2.2
Rev. 2.3
Rev. 2.4
Added package type TFBGA
Revised ORDERING INFORMATION in page 12
Revised -12ns spec as -10ns spec and related parameter
May.6.2010
Aug.30.2010
July.03.2013
Revised ORDERING INFORMATION in page 11


Similar Part No. - LY6125616ML-25LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6125616ML LYONTEK-LY6125616ML Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY6125616ML-25LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568 Datasheet
153Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816_1008 LYONTEK-LY6112816_1008 Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com