Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM2-PH01-0070 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LXM2-PH01-0070
Description  LUXEON Rebel and LUXEON Rebel ES
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXM2-PH01-0070 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LXM2-PH01-0070 Datasheet HTML 7Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 8Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 9Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 10Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 11Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 12Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 13Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 14Page - Lumileds Lighting Company LXM2-PH01-0070 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LUXEON Rebel Color Porfolio Datasheet DS68 20110819
11
Mechanical Dimensions: LUXEON Rebel ES
Royal-Blue Emitter
0.73
0.61
1.26
1.14
1.83
1.71
2.86
2.74
0.46
0.34
1.86
1.74
R
0.21
0.09
R
0.14
0.06
R
0.14
0.06
2.61
2.49
0.83
0.54
0.86
0.74
0.84
0.72
4.61
4.37
3.17
2.93
1.67
1.38
1.67
1.38
2.31
2.25
0.88
0.72
0.68
0.52
2.10
1.85
0.11
0.05
Figure 2. Package outline drawing.
Notes for Figure 2:
- To avoid damage, do not handle the device by the emitter lens.
- Drawings not to scale.
- All dimensions are in millimeters.
- The thermal pad is electrically isolated from the anode and cathode contact pads.


Similar Part No. - LXM2-PH01-0070

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXM2-PH01-0070 LUMILEDS-LXM2-PH01-0070 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXM2-PH01-0070 LUMILEDS-LXM2-PH01-0070 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LXM2-PH01-0070 LUMILEDS-LXM2-PH01-0070 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
More results

Similar Description - LXM2-PH01-0070

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com