Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6251216GL-70LL Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY6251216GL-70LL
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6251216GL-70LL Datasheet(HTML) 5 Page - Lyontek Inc.

  LY6251216GL-70LL Datasheet HTML 1Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 2Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 3Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 4Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 5Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 6Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 7Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 8Page - Lyontek Inc. LY6251216GL-70LL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LY6251216
Rev. 1.0
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
*1
2.4
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
-
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL,
II/O = 0mA
Other pins at VIL or VIH
- 55
-
45
60
mA
- 70
-
30
50
mA
ICC1
Cycle time = 1µs
CE#0.2V, II/O = 0mA
Other pins at 0.2V or VCC-0.2V
-
6
12
mA
Standby Power
Supply Current
ISB
CE# = VIH
Other pins at VIL or VIH
-
0.2
2
mA
ISB1
CE#
V
CC-0.2V
Other pins at 0.2V or VCC-0.2V
-LL
-
8
30
µA
-LLI
-
8
50
µA
Notes:
1. VIH(max) = VCC + 2.0V for pulse width less than 6ns.
2. VIL(min) = VSS - 2.0V for pulse width less than 6ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC -0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA


Similar Part No. - LY6251216GL-70LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216GL-70LL LYONTEK-LY6251216GL-70LL Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216GL-70LLI LYONTEK-LY6251216GL-70LLI Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216GL-70LLIT LYONTEK-LY6251216GL-70LLIT Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216GL-70LLT LYONTEK-LY6251216GL-70LLT Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6251216GL-70LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com