Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM3-PD01-0300 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXM3-PD01-0300
Description  LUXEON Rebel and LUXEON Rebel ES
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXM3-PD01-0300 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXM3-PD01-0300 Datasheet HTML 4Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 5Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 6Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 7Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 8Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 9Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 10Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 11Page - Lumileds Lighting Company LXM3-PD01-0300 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LUXEON Rebel Color Porfolio Datasheet DS68 20110819
8
Absolute Maximum Ratings
Table 5.
Parameter
Green/Cyan/
LUXEON Rebel ES
Red/Deep-Red
Blue/Royal-Blue
Royal-Blue
Red-Orange/Amber
PC Amber
DC Forward Current (mA)
1000
1000
700
700
Peak Pulsed Forward
1000
1200
700
700
Current (mA)
Average Forward Current (mA)
1000
1000
700
700
ESD Sensitivity
< 8000V Human Body Model (HBM) Class 3A JESD22-A114-B
LED Junction Temperature [1]
150°C
150°C
135°C
130°C
Operating Case Temperature
-40°C - 135°C
-40°C - 135°C
-40°C - 120°C
-40°C - 110°C
at 350 mA
Storage Temperature
-40°C - 135°C
-40°C - 135°C
-40°C - 135°C
-40°C - 135°C
Soldering Temperature
JEDEC 020c 260°C
JEDEC 020c 260°C
JEDEC 020c 260°C
JEDEC 020c 260°C
Allowable Reflow Cycles
3
3
3
3
Autoclave Conditions 121°C at 2 ATM
100% Relative Humidity for 96 Hours Maximum
Reverse Voltage (Vr)
LUXEON Rebel Color Portfolio LEDs are not designed to be driven in reverse bias.
Notes for Table 5:
1. Proper current derating must be observed to maintain junction temperature below the maximum.
2. The maximum rating for LUXEON Rebel ES royal-blue is 1200 mA with peak pulsed forward current not to exceed 60 seconds.
JEDEC Moisture Sensitivity
Table 6.
Soak Requirements
Level
Floor Life
Standard
Time
Conditions
Time
Conditions
(hours)
1
unlimited
[ 30°C /
168
85°C / 85%
85% RH
+ 5 / -0
RH


Similar Part No. - LXM3-PD01-0300

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXM3-PD01-0300 LUMILEDS-LXM3-PD01-0300 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
More results

Similar Description - LXM3-PD01-0300

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com