Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFM06P3-212 Datasheet(PDF) 2 Page - Alpha Industries

Part # AFM06P3-212
Description  Ka Band Power GaAs MESFET Chips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AFM06P3-212 Datasheet(HTML) 2 Page - Alpha Industries

  AFM06P3-212 Datasheet HTML 1Page - Alpha Industries AFM06P3-212 Datasheet HTML 2Page - Alpha Industries AFM06P3-212 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/99A
Ka Band Power GaAs MESFET Chips
AFM06P3-212, AFM06P3-213
I-V
0
30
60
90
120
150
012345
-0.5 V
-1.0 V
-1.5 V
-2.0 V
-2.5 V
VDS (V)
VGS = 0 V
Power Derating
0
50
100
150
200
TBASE (˚C)
0
0.25
0.50
0.75
1.00
1.25
1.50
Typical Performance Data
Typical S-Parameters (VDS = 5 V, IDS = 100 mA)
Freq.
S11
S21
S12
S22
MAG/
(GHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
MSG (dB)
1
0.827
-37.8264
7.3390
153.0160
0.0202
76.0460
0.5006
-36.961
2
0.841
-71.7158
6.0499
122.7182
0.0340
57.6193
0.3925
-44.484
22.5047
3
0.776
-95.9016
5.0784
98.6981
0.0423
43.4674
0.3538
-60.536
20.7939
4
0.773
-116.1009
4.4165
83.7214
0.0496
41.8927
0.2474
-67.747
19.4986
5
0.772
-136.3639
4.0687
61.0411
0.0574
28.5307
0.2514
-80.500
18.5080
6
0.729
-159.5267
3.6170
42.4229
0.0621
20.3616
0.2539
-105.251
17.6540
7
0.652
177.0366
3.3407
26.8719
0.0695
14.1562
0.2666
-122.438
14.9166
8
0.680
154.3013
3.1085
11.1292
0.0769
9.6583
0.2744
-136.476
16.0668
9
0.720
135.1126
2.8509
-1.4693
0.0818
3.2226
0.2352
-147.323
15.4208
10
0.666
117.7185
2.6700
-17.9531
0.0898
-5.3931
0.2551
-164.635
13.3968
11
0.631
100.5973
2.3131
-33.8962
0.0907
-14.6182
0.2561
178.758
10.7345
12
0.644
76.8920
2.0077
-49.6463
0.0921
-24.4491
0.2076
166.633
9.1700
13
0.657
64.6829
1.9441
-62.8550
0.1041
-27.3280
0.2744
135.000
9.2358
14
0.748
52.4407
1.8819
-81.2585
0.1203
-42.4402
0.3667
119.222
11.9422
15
0.847
37.8038
1.7404
-98.7912
0.1282
-56.5826
0.3722
107.510
11.3280
16
0.850
22.3398
1.5849
-114.6893
0.1336
-70.6290
0.3581
88.987
10.7432
17
0.805
8.2106
1.4012
-126.9353
0.1314
-79.1178
0.3802
62.424
10.2803
18
0.847
-2.1121
1.2311
-137.7326
0.1283
-86.3122
0.4026
43.087
9.8217
19
0.831
-5.6214
1.1617
-149.0193
0.1356
-95.3322
0.5087
38.695
9.3289
20
0.791
-6.5681
1.0774
-161.2119
0.1371
-105.6583
0.5497
33.199
8.9538
21
0.866
-20.5483
1.1110
-177.5857
0.1568
-119.1149
0.4284
22.075
8.5032
22
0.836
-35.5536
1.1102
164.5367
0.1726
-134.0608
0.4058
-11.227
8.0846
23
0.853
-52.6197
1.0759
146.8712
0.1744
-148.6982
0.4751
-42.014
7.9027
24
0.958
-69.2200
1.0823
131.6291
0.1820
-161.9434
0.5114
-46.505
7.7438
25
0.844
-81.7547
1.0406
112.8443
0.1822
-177.5051
0.4558
-62.423
7.5681
26
0.733
-104.6242
0.9783
88.5591
0.1721
159.3426
0.3791
-103.875
4.2994


Similar Part No. - AFM06P3-212

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFM06P2-000 ALPHA-AFM06P2-000 Datasheet
19Kb / 3P
   Ka Band Power GaAs MESFET Chip
logo
Skyworks Solutions Inc.
AFM06P2-212 SKYWORKS-AFM06P2-212 Datasheet
25Kb / 2P
   Ka Band Power GaAs MESFET
More results

Similar Description - AFM06P3-212

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AFM06P2-212 SKYWORKS-AFM06P2-212 Datasheet
25Kb / 2P
   Ka Band Power GaAs MESFET
logo
Alpha Industries
AFM08P2-000 ALPHA-AFM08P2-000 Datasheet
19Kb / 3P
   Ka Band Power GaAs MESFET Chip
AFM04P2-000 ALPHA-AFM04P2-000 Datasheet
43Kb / 3P
   Ka Band Power GaAs MESFET Chip
AFM06P2-000 ALPHA-AFM06P2-000 Datasheet
19Kb / 3P
   Ka Band Power GaAs MESFET Chip
logo
Mimix Broadband
CF005 MIMIX-CF005_06 Datasheet
516Kb / 4P
   Broadband Power GaAs MESFET Chips
CF005 MIMIX-CF005 Datasheet
797Kb / 5P
   Broadband Power GaAs MESFET Chips
CF010 MIMIX-CF010_06 Datasheet
516Kb / 4P
   Broadband Power GaAs MESFET Chips
logo
Alpha Industries
AFM04P3-212 ALPHA-AFM04P3-212 Datasheet
25Kb / 3P
   Low Noise/Medium Power GaAs MESFET Chips
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
Alpha Industries
AFM04P3-213 ALPHA-AFM04P3-213 Datasheet
37Kb / 3P
   Low Noise/Medium Power GaAs MESFET Chips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com