Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT373 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT373
Description  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT373 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT373 Datasheet HTML 1Page - NXP Semiconductors 74HCT373 Datasheet HTML 2Page - NXP Semiconductors 74HCT373 Datasheet HTML 3Page - NXP Semiconductors 74HCT373 Datasheet HTML 4Page - NXP Semiconductors 74HCT373 Datasheet HTML 5Page - NXP Semiconductors 74HCT373 Datasheet HTML 6Page - NXP Semiconductors 74HCT373 Datasheet HTML 7Page - NXP Semiconductors 74HCT373 Datasheet HTML 8Page - NXP Semiconductors 74HCT373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
74HC_HCT373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
4 of 26
NXP Semiconductors
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input.
Fig 6.
Pin configuration DIP20, SO20, SSOP20 and
TSSOP20
Fig 7.
Pin configuration DHVQFN20
74HC373
74HCT373
OE
VCC
Q0
Q7
D0
D7
D1
D6
Q1
Q6
Q2
Q5
D2
D5
D3
D4
Q3
Q4
GND
LE
001aae046
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aae047
74HC373
74HCT373
Transparent top view
Q4
D3
Q3
D4
D2
D5
Q2
Q5
Q1
Q6
D1
D6
D0
D7
Q0
GND(1)
Q7
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
OE
1
3-state output enable input (active LOW)
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
2, 5, 6, 9, 12, 15, 16, 19
3-state latch output
D0, D1, D2, D3, D4, D5, D6, D7
3, 4, 7, 8, 13, 14, 17, 18
data input
GND
10
ground (0 V)
LE
11
latch enable input (active HIGH)
VCC
20
supply voltage


Similar Part No. - 74HCT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT373 PHILIPS-74HCT373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HCT373 ETC1-74HCT373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
Silicon Supplies
74HCT373 SS-74HCT373 Datasheet
758Kb / 7P
   High Speed CMOS TTL Input
logo
Nexperia B.V. All right...
74HCT373 NEXPERIA-74HCT373 Datasheet
282Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 6 September 2021
logo
NXP Semiconductors
74HCT373-Q100 NXP-74HCT373-Q100 Datasheet
179Kb / 24P
   Octal D-type transparent latch; 3-state
Rev. 1-10 August 2012
More results

Similar Description - 74HCT373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com