Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC373 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC373
Description  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC373 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC373 Datasheet HTML 9Page - NXP Semiconductors 74HC373 Datasheet HTML 10Page - NXP Semiconductors 74HC373 Datasheet HTML 11Page - NXP Semiconductors 74HC373 Datasheet HTML 12Page - NXP Semiconductors 74HC373 Datasheet HTML 13Page - NXP Semiconductors 74HC373 Datasheet HTML 14Page - NXP Semiconductors 74HC373 Datasheet HTML 15Page - NXP Semiconductors 74HC373 Datasheet HTML 16Page - NXP Semiconductors 74HC373 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
74HC_HCT373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
13 of 26
NXP Semiconductors
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
[1]
tpd is the same as tPLH and tPHL.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPLZ and tPHZ.
[4]
tt is the same as tTHL and tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
th
hold time
Dn to LE; see Figure 11
VCC = 2.0 V
5
-
-
ns
VCC = 4.5 V
5
-
-
ns
VCC = 6.0 V
5
-
-
ns
Table 8.
Dynamic characteristics 74HC373 …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 9.
Dynamic characteristics 74HCT373
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
tpd
propagation delay
Dn to Qn; see Figure 8
[1]
VCC = 4.5 V
-
17
30
ns
VCC =5V; CL =15 pF
-
14
-
ns
LE to Qn; see Figure 9
VCC = 4.5 V
-
16
32
ns
VCC =5V; CL =15 pF
-
13
-
ns
ten
enable time
OE to Qn; see Figure 10
[2]
VCC = 4.5 V
-
19
32
ns
tdis
disable time
OE to Qn; see Figure 10
[3]
VCC = 4.5 V
-
18
30
ns
tt
transition time
Qn; see Figure 8 and Figure 9
[4]
VCC = 4.5 V
-
5
12
ns
tW
pulse width
LE HIGH; see Figure 9
VCC = 4.5 V
16
4
-
ns
tsu
set-up time
Dn to LE; see Figure 11
VCC = 4.5 V
12
6
-
ns
th
hold time
Dn to LE; see Figure 11
VCC = 4.5 V
4
1-
ns
CPD
power dissipation capacitance
per latch;
VI =GND to (VCC  1.5 V)
[5] -41
-pF


Similar Part No. - 74HC373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC373 PHILIPS-74HC373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
Wing Shing Computer Com...
74HC373 WINGS-74HC373 Datasheet
415Kb / 6P
   Octal Transparent D-type Latches W ith 3-State Outputs
logo
ON Semiconductor
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
logo
Silicon Supplies
74HC373 SS-74HC373 Datasheet
1Mb / 7P
   High Speed CMOS Logic
More results

Similar Description - 74HC373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com