Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61256JL-12LLE Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY61256JL-12LLE
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61256JL-12LLE Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY61256JL-12LLE Datasheet HTML 5Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 6Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 7Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 8Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 9Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 10Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 11Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 12Page - Lyontek Inc. LY61256JL-12LLE Datasheet HTML 13Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LY61256
Rev. 1.7
32K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
28-pin 300 mil SOJ Package Outline Dimension
1
28
14
15
A2
L
C
XX
X
Note : 1.S/E/D dimension is not including mold flash.
2.The end flash in package lengthwise is not more than 10 mils each side.
UNIT
SYM.
INCH(REF)
MM(BASE)
A
0.140(MAX)
3.556(MAX)
A1
0.025(MIN)
0.635(MIN)
A2
0.100±0.015
2.540±0.381
B
0.018±0.004
0.457±0.102
B1
0.028±0.004
0.711±0.102
c
0.010±0.004
0.254±0.102
D
0.710±0.020
18.03±0.508
E
0.337±0.010
8.560±0.254
E1
0.300±0.005
7.620±0.127
e
0.050±0.006
1.270±0.152
L
0.087±0.010
2.210±0.254
S
0.045(MAX)
1.143(MAX)
Y
0.004(MAX)
0.102(MAX)


Similar Part No. - LY61256JL-12LLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61256JL LYONTEK-LY61256JL Datasheet
169Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61256JL-12LLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com