Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY65256RL-20LLI Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY65256RL-20LLI
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY65256RL-20LLI Datasheet(HTML) 5 Page - Lyontek Inc.

  LY65256RL-20LLI Datasheet HTML 1Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 2Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 3Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 4Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 5Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 6Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 7Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 8Page - Lyontek Inc. LY65256RL-20LLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LY65256
Rev. 1.1
32K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
PARAMETER
SYM.
LY65256-20
UNIT
MIN.
MAX.
Read Cycle Time
tRC
20
-
ns
Address Access Time
tAA
-20
ns
Chip Enable Access Time
tACE
-20
ns
Output Enable Access Time
tOE
-8
ns
Chip Enable to Output in Low-Z
tCLZ*
4
-
ns
Output Enable to Output in Low-Z
tOLZ*
0
-
ns
Chip Disable to Output in High-Z
tCHZ*-
8
ns
Output Disable to Output in High-Z
tOHZ*-
8
ns
Output Hold from Address Change
tOH
3-
ns
(2) WRITE CYCLE
PARAMETER
SYM.
LY65256-20
UNIT
MIN.
MAX.
Write Cycle Time
tWC
20
-
ns
Address Valid to End of Write
tAW
16
-
ns
Chip Enable to End of Write
tCW
16
-
ns
Address Set-up Time
tAS
0-
ns
Write Pulse Width
tWP
11
-
ns
Write Recovery Time
tWR
0-
ns
Data to Write Time Overlap
tDW
9-
ns
Data Hold from End of Write Time
tDH
0-
ns
Output Active from End of Write
tOW*
5
-
ns
Write to Output in High-Z
tWHZ*
-
9
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LY65256RL-20LLI

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LY65060-S10-PF LIGITEK-LY65060-S10-PF Datasheet
126Kb / 6P
   RECTANGLE TYPE LED LAMPS
LY65060-S5-PF LIGITEK-LY65060-S5-PF Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
LY65060-S6-PF LIGITEK-LY65060-S6-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LY65060-S8-PF LIGITEK-LY65060-S8-PF Datasheet
159Kb / 7P
   RECTANGLE TYPE LED LAMPS
LY65060/S10-PF LIGITEK-LY65060/S10-PF Datasheet
126Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LY65256RL-20LLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com