Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8898 Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY8898
Description  3.2 Watt Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8898 Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY8898_13 Datasheet HTML 5Page - Lyontek Inc. LY8898_13 Datasheet HTML 6Page - Lyontek Inc. LY8898_13 Datasheet HTML 7Page - Lyontek Inc. LY8898_13 Datasheet HTML 8Page - Lyontek Inc. LY8898_13 Datasheet HTML 9Page - Lyontek Inc. LY8898_13 Datasheet HTML 10Page - Lyontek Inc. LY8898_13 Datasheet HTML 11Page - Lyontek Inc. LY8898_13 Datasheet HTML 12Page - Lyontek Inc. LY8898_13 Datasheet HTML 13Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LY8898
Rev. 1.0
3.2 Watt Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
SD Current vs. SD Voltage
Quiescent Current vs. Supply voltage
SHUTDOWN CURRENT vs SHUTDOWN VOLTAGE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Shutdown Voltage - V
2.5v
3.7V
5v
QUIESCENT CURRENT vs. SUPPLY VOLTAGE
1
2
3
4
5
6
2
2.5
3
3.7
4.2
5
5.5
6
VDD - Supply Voltage(V)
No Load
8Ω
4Ω
3Ω
Load Resistance vs. Output Power (THD+N=10%)
Load Resistance vs. Output Power (THD+N=1%)
Output Power vs Load Resistance
0
0.5
1
1.5
2
2.5
3
3.5
4
3Ω
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
Load Resistance
2.5V
3.7V
5V
4.2V
5.5V
Output Power vs Load Resistance
0
0.5
1
1.5
2
2.5
3
3Ω
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
Load Resistance
2.5V
3.7V
5V
4.2V
5.5V
VDD Current vs. Output Power (RL=3Ω)
VDD Current vs. Output Power (RL=4Ω)
SUPPLY CURRENT vs. OUTPUT POWER(RL=3Ω)
0
100
200
300
400
500
600
700
800
900
1000
0
0.2 0.4 0.8
1
1.2 1.8 2.2 2.4 2.6 2.8
3
3.2 3.4
Po-Output Power-W(RL=3Ω)
2.0V
2.5V
3.7V
5.0V
SUPPLY CURRENT vs. OUTPUT POWER(RL=4Ω)
0
100
200
300
400
500
600
700
800
900
0
0.2
0.4
0.8
1
1.2
1.8
2.2
2.4
2.6
2.8
3
3.2
Po-Output Power-W(RL=4Ω)
2.0V
2.5V
3.7V
5.0V


Similar Part No. - LY8898_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8898 LYONTEK-LY8898_17 Datasheet
1Mb / 17P
   3.2 Watt Audio Power Amplifier
More results

Similar Description - LY8898_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8898 LYONTEK-LY8898_17 Datasheet
1Mb / 17P
   3.2 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
   8 Watt Audio Power Amplifier
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com