Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6264RL-70SL Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY6264RL-70SL
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6264RL-70SL Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY6264RL-70SL Datasheet HTML 6Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 7Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 8Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 9Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 10Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 11Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 12Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 13Page - Lyontek Inc. LY6264RL-70SL Datasheet HTML 14Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LY6264
Rev. 2.8
8K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
28 pin 8x13.4mm STSOP Package Outline Dimension
1
14
15
28
cL
HD
D
"A"
12° (2x)
12° (2x)
Seating Plane
y
28
15
14
1
L
0
GAUGE PLANE
12° (2X)
12° (2X)
SEATING PLANE
"A" DATAIL VIEW
L1
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
1.00
1.10
1.20
0.040
0.043
0.047
A1
0.05
-
0.15
0.002
-
0.006
A2
0.91
1.00
1.05
0.036
0.039
0.041
b
0.17
0.22
0.27
0.007
0.009
0.011
c
0.07
0.15
0.23
0.003
0.006
0.009
HD
13.20
13.40
13.60
0.520
0.528
0.535
D
11.60
11.80
12.00
0.457
0.465
0.472
E
7.80
8.00
8.20
0.307
0.315
0.323
e
-
0.55
-
-
0.0216
-
L
0.30
0.50
0.70
0.012
0.020
0.028
L1
0.675
-
-
0.027
-
-
Y
0.00
-
0.076
0.000
-
0.003
Θ


Similar Part No. - LY6264RL-70SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6264RL LYONTEK-LY6264RL Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6264RL-70SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com