Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8212EL Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY8212EL
Description  3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8212EL Datasheet(HTML) 4 Page - Lyontek Inc.

  LY8212EL Datasheet HTML 1Page - Lyontek Inc. LY8212EL Datasheet HTML 2Page - Lyontek Inc. LY8212EL Datasheet HTML 3Page - Lyontek Inc. LY8212EL Datasheet HTML 4Page - Lyontek Inc. LY8212EL Datasheet HTML 5Page - Lyontek Inc. LY8212EL Datasheet HTML 6Page - Lyontek Inc. LY8212EL Datasheet HTML 7Page - Lyontek Inc. LY8212EL Datasheet HTML 8Page - Lyontek Inc. LY8212EL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LY8212
Rev. 1.5
3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Power supply voltage range
VDD
6.0
V
Operating temperature
TA
-40 to 85 (I grade)
Input voltage range
VI
-0.3V to VDD +0.3V
V
Storage temperature
TSTG
-65 to 150
Power dissipation
PD
Internally Limited
W
ESD susceptibility
VESD
2000
V
Junction temperature
TJMAX
150
Soldering temperature (under 10 sec)
TSOLDER
260
ELECTRICAL CHARACTERISTICS (TA = 25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*2
MAX.
UNIT
Power supply voltage
VDD
-
2.2
-
5.5
V
VDD = 5.5V, No Load
-
11
-
VDD = 3.7V, No Load
-
9
-
Quiescent current
(FM enhance pin=low)
IQ
VDD = 2.5V, No Load
-
7
-
mA
Shutdown current
ISD
VSHUTDOWN ≦ 0.8V,
VDD = 2.5V to 5.5V
-
0.1
-
µA
Shutdown voltage input high
VSDIH
-
1.2
-
-
Shutdown voltage input low
VSDIL
-
-
-
0.4
V
Output offset voltage
VOS
VI = 0 V, Av = 2 V/V,
VDD = 2.5 V to 5.5 V
-
-
25
mV
Shutdown temp.
-
180
-
Thermal shutdown temperature
TSD
Restore temp.
-
135
-
OPERATING CHARACTERISTICS (1) (TA = 25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*2
MAX.
UNIT
VDD=5.5V
-
3.3
-
VDD=5.0V
-
2.7
-
THD+N=10%
VDD=3.7V
-
1.4
-
VDD=5.5V
2.6
VDD=5.0V
-
1.7
-
RL = 4Ω,
f = 1kHz,
THD+N=1%
VDD=3.7V
-
1.2
*1
-
VDD=5.5V
2.0
VDD=5.0V
-
1.6
-
THD+N=10%
VDD=3.7V
-
0.8
-
VDD=5.5V
1.6
VDD=5.0V
-
1.3
-
Output power / channel
PO
RL = 8Ω,
f = 1kHz,
THD+N=1%
VDD=3.7V
-
0.6
-
W
(*1)RL = 4Ω,f = 1kHz, VDD=3.7V, Output Power=1.2W@ THD+N=2%
(*2)Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃


Similar Part No. - LY8212EL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8210AL LYONTEK-LY8210AL Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8210CL LYONTEK-LY8210CL Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8210IL LYONTEK-LY8210IL Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
More results

Similar Description - LY8212EL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8261 LYONTEK-LY8261_18 Datasheet
1Mb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6818 YONGFUKANG-HT6818 Datasheet
2Mb / 16P
   3.3W Ultra Low EMI Anti-Cut Top Stereo Class D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Eutech Microelectronics...
EUA2014 EUTECH-EUA2014 Datasheet
139Kb / 1P
   2.5W Stereo Class-D Audio Power Amplifier with 3D Enhancement
logo
Lyontek Inc.
LY8221 LYONTEK-LY8221_12 Datasheet
954Kb / 18P
   3.0W Stereo & 3D Enhancement Class D Audio Power Amplifier (SOP16)
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com