Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8221 Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY8221
Description  3.0W Stereo & 3D Enhancement Class D Audio Power Amplifier (SOP16)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8221 Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY8221_12 Datasheet HTML 7Page - Lyontek Inc. LY8221_12 Datasheet HTML 8Page - Lyontek Inc. LY8221_12 Datasheet HTML 9Page - Lyontek Inc. LY8221_12 Datasheet HTML 10Page - Lyontek Inc. LY8221_12 Datasheet HTML 11Page - Lyontek Inc. LY8221_12 Datasheet HTML 12Page - Lyontek Inc. LY8221_12 Datasheet HTML 13Page - Lyontek Inc. LY8221_12 Datasheet HTML 14Page - Lyontek Inc. LY8221_12 Datasheet HTML 15Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LY8221
Rev. 1.3
3.0W Stereo & 3D Enhancement Class D Audio Power Amplifier (SOP16)
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
11
®
FCC Class-B (Vertical) – 3D Mode
FCC Class-B (Horizontal) – 3D Mode


Similar Part No. - LY8221_12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8209U LYONTEK-LY8209U Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8210AL LYONTEK-LY8210AL Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
More results

Similar Description - LY8221_12

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2014 EUTECH-EUA2014 Datasheet
139Kb / 1P
   2.5W Stereo Class-D Audio Power Amplifier with 3D Enhancement
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Shenzhen Naxinwei Techn...
NS4248 NSIWAY-NS4248 Datasheet
5Mb / 14P
    3.0W dual-channel Class D audio power amplifier with additional stereo headphone function
Jun.2018 V1.0
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_18 Datasheet
1Mb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8212 LYONTEK-LY8212_12 Datasheet
843Kb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com