Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8010BL Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY8010BL
Description  3.3 W Mono Filterless Class D Audio power Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8010BL Datasheet(HTML) 4 Page - Lyontek Inc.

  LY8010BL Datasheet HTML 1Page - Lyontek Inc. LY8010BL Datasheet HTML 2Page - Lyontek Inc. LY8010BL Datasheet HTML 3Page - Lyontek Inc. LY8010BL Datasheet HTML 4Page - Lyontek Inc. LY8010BL Datasheet HTML 5Page - Lyontek Inc. LY8010BL Datasheet HTML 6Page - Lyontek Inc. LY8010BL Datasheet HTML 7Page - Lyontek Inc. LY8010BL Datasheet HTML 8Page - Lyontek Inc. LY8010BL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LY8010
Rev. 2.0
3.3 W Mono Filterless Class D Audio power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
6.0
V
Operating Temperature
TA
-40 to 85 (I grade)
Input Voltage
VI
-0.3V to VDD +0.3V
V
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
Internally Limited
W
ESD Susceptibility
VESD
2000
V
Junction Temperature
TJMAX
150
Soldering Temperature (under 10 sec)
TSOLDER
260
ELECTRICAL CHARACTERISTICS (TA = 25℃,Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*1
MAX.
UNIT
Supply voltage
VDD
2.5
-
5.5
V
High-level input voltage
VIH
Shutdown
1.3
-
VDD
V
Low-level input voltage
VIL
Shutdown
0
-
0.35
V
Output offset voltage
(measured differentially)
|VOS|
VI = 0 V, Av = 2 V/V,
VDD = 2.5 V to 5.5 V
-
-
25
mV
Power supply rejection ratio
PSRR
VDD = 5.0 V, RL=4Ω,
Inputs= GND, Av=2,
Vpp=200mV, Cs=Delete.
f=217Hz
-
-55
-
dB
VDD = 5.5V, No Load
-
3.5
-
VDD = 3.6V, No Load
-
3.0
-
Quiescent Current
IQ
VDD = 2.5V, No Load
-
2.5
-
mA
Shutdown Current
ISD
VSHUTDOWN ≦0.5V,
VDD = 2.5V to 5.5V
-
0.1
2.0
µA
Total Gain (*)
VDD= 2.5V to 5.5V
RL = 8Ω
[150KΩ / (5KΩ+Ri)] x2
V/V
(*1)Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃


Similar Part No. - LY8010BL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8010BL LYONTEK-LY8010BL Datasheet
2Mb / 24P
   2.5 W Mono Filterless Class D Audio power Amplifier (WCSP / DFN)
More results

Similar Description - LY8010BL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_13 Datasheet
738Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_17 Datasheet
879Kb / 20P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_17 Datasheet
839Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com