Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8010 Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY8010
Description  3.3 W Mono Filterless Class D Audio power Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8010 Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY8010_13 Datasheet HTML 4Page - Lyontek Inc. LY8010_13 Datasheet HTML 5Page - Lyontek Inc. LY8010_13 Datasheet HTML 6Page - Lyontek Inc. LY8010_13 Datasheet HTML 7Page - Lyontek Inc. LY8010_13 Datasheet HTML 8Page - Lyontek Inc. LY8010_13 Datasheet HTML 9Page - Lyontek Inc. LY8010_13 Datasheet HTML 10Page - Lyontek Inc. LY8010_13 Datasheet HTML 11Page - Lyontek Inc. LY8010_13 Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LY8010
Rev. 2.0
3.3 W Mono Filterless Class D Audio power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
8
®
SD Current vs SD Voltage
Quiescent vs Supply voltage
SHUTDOWN CURRENT vs SHUTDOWN VOLTAGE
0
2
4
6
8
10
12
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Shutdown Voltage - V
2.5v
3.7V
5v
QUIESCENT CURRENT vs SUPPLY VOLTAGE
1
2
3
4
2.5
3
3.7
4.2
5
5.5
6
VDD - Supply Voltage - V
8Ω
4Ω
Supply Current vs Output Power (RL=4Ω)
Supply Current vs Output Power (RL=8Ω)
SUPPLY CURRENT vs OUTPUT POWER
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.8
1.2
1.4
1.6
1.8
2
2.4
2.8
Po - Output Power - W (RL=4Ω)
2.5V(D)
3.7V(D)
5V(D)
SUPPLY CURRENT vs OUTPUT POWER
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Po - Output Power - W (RL=8Ω)
2.5V(D)
3.7V(D)
5V(D)
Load Resistance vs Output Power (THD+N=10%)
Load Resistance vs Output Power (THD+N=1%)
Output Power vs Load Resistance
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
Load Resistance
2.5v
3.7V
5V
6V
4.2V
5.5V
Output Power vs Load Resistance
0
0.5
1
1.5
2
2.5
3
3.5
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
Load Resistance
2.5v
3.7V
5V
6V
4.2V
5.5V


Similar Part No. - LY8010_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8010 LYONTEK-LY8010_17 Datasheet
879Kb / 20P
   3.3 W Mono Filterless Class D Audio power Amplifier
More results

Similar Description - LY8010_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_13 Datasheet
738Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_17 Datasheet
879Kb / 20P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_17 Datasheet
839Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com