Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8006UL Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY8006UL
Description  3.3 W Mono Filterless Class D Audio power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8006UL Datasheet(HTML) 5 Page - Lyontek Inc.

  LY8006UL Datasheet HTML 1Page - Lyontek Inc. LY8006UL Datasheet HTML 2Page - Lyontek Inc. LY8006UL Datasheet HTML 3Page - Lyontek Inc. LY8006UL Datasheet HTML 4Page - Lyontek Inc. LY8006UL Datasheet HTML 5Page - Lyontek Inc. LY8006UL Datasheet HTML 6Page - Lyontek Inc. LY8006UL Datasheet HTML 7Page - Lyontek Inc. LY8006UL Datasheet HTML 8Page - Lyontek Inc. LY8006UL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LY8006
3.3 W Mono Filterless Class D Audio power Amplifier
Rev. 2.2
Compatible with LY8891 Single-Ended Input
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
OPERATING CHARACTERISTICS (TA = 25℃,Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*2
MAX.
UNIT
VDD=5.5V
-
3.3
-
VDD=5.0V
-
2.75
-
VDD=3.6V
-
1.4
-
THD+N= 10%, f = 1 kHz,
RL= 4Ω
VDD=2.5V
-
0.6
-
VDD=5.5V
-
2.6
-
VDD=5.0V
-
2.15
-
VDD=3.6V
-
1.1
-
THD+N= 1%, f = 1 kHz,
RL= 4Ω
VDD=2.5V
-
0.1
-
VDD=5.5V
-
2.0
-
VDD=5.0V
-
1.6
-
VDD=3.6V
-
0.8
-
THD+N= 10%, f = 1 kHz,
RL= 8Ω
VDD=2.5V
-
0.4
-
VDD=5.5V
-
1.6
-
VDD=5.0V
-
1.3
-
VDD=3.6V
-
0.7
-
Out Power
Po
THD+N= 1%, f = 1 kHz,
RL= 8Ω
VDD=2.5V
-
0.1
-
W
Signal-to-noise ratio
SNR
RL = 48Ω, Input=GND,
1.0W=0dB
VDD=5.0V
-
88
-
dB
Output voltage noise
Vn
Input=GND,RL=4Ω,Av=2
f = 20 Hz to 20 kHz,
VDD=5.0V
-
79.4
-
uVRMS
Frequency
Fc
VDD = 2.5V~5.5V
-
250
-
kHz
Cbypass = 1.0μF
-
360
-
Cbypass = 0.47μF
-
180
-
Cbypass = 0.33μF
-
144
-
Cbypass = 0.22μF
-
104
-
Cbypass = 0.1μF
-
48
-
VDD = 5.0V
Cbypass =None
-
32
-
Cbypass = 1.0μF
-
250
-
Cbypass = 0.47μF
-
128
-
Cbypass = 0.33μF
-
108
-
Cbypass = 0.22μF
-
72
-
Cbypass = 0.1μF
-
48
-
Start-up time from shutdown
ZI
VDD = 3.7V
Cbypass =None
-
32
-
ms
(*2)Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃


Similar Part No. - LY8006UL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8006UL LYONTEK-LY8006UL Datasheet
1Mb / 16P
   1.4 W Mono Filterless Class D Audio power Amplifier (MSOP / DFN) 竊뛅ompatible with LY8890/8891/8891B Single-Ended Input
More results

Similar Description - LY8006UL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_13 Datasheet
738Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_17 Datasheet
879Kb / 20P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_17 Datasheet
839Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com