Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6264SL-70LL Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY6264SL-70LL
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6264SL-70LL Datasheet(HTML) 3 Page - Lyontek Inc.

  LY6264SL-70LL Datasheet HTML 1Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 2Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 3Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 4Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 5Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 6Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 7Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 8Page - Lyontek Inc. LY6264SL-70LL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LY6264
Rev. 2.8
8K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
Vss
NC
Vcc
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
Skinny P-DIP/P-DIP/SOP
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
CE2
CE#
OE#
WE#
STSOP
DQ3
A11
A9
A8
CE2
DQ2
A10
NC
A12
A7
A6
A5
Vcc
DQ7
DQ6
DQ5
DQ4
Vss
DQ1
DQ0
A0
A1
A2
A4
A3
LY6264
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
OE#
WE#
CE#
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
0 to 70(C grade)
-20 to 80(E grade)
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
CE2
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
X
High-Z
ISB,ISB1
X
L
X
X
High-Z
ISB,ISB1
Output Disable
L
H
H
H
High-Z
ICC,ICC1
Read
L
H
L
H
DOUT
ICC,ICC1
Write
L
H
X
L
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.


Similar Part No. - LY6264SL-70LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6264SL LYONTEK-LY6264SL Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6264SL-70LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com