Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114YE Datasheet(PDF) 2 Page - Rohm

Part # DTA114YE
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114YE Datasheet(HTML) 2 Page - Rohm

  DTA114YE Datasheet HTML 1Page - Rohm DTA114YE Datasheet HTML 2Page - Rohm DTA114YE Datasheet HTML 3Page - Rohm DTA114YE Datasheet HTML 4Page - Rohm DTA114YE Datasheet HTML 5Page - Rohm DTA114YE Datasheet HTML 6Page - Rohm DTA114YE Datasheet HTML 7Page - Rohm DTA114YE Datasheet HTML 8Page - Rohm DTA114YE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DTA114Y series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-40 to 6
V
Output current
IO
-70
mA
Collector current
IC(MAX)*1
-100
mA
Power dissipation
DTA114YM
PD*2
150
mW
DTA114YEB
150
DTA114YE
150
DTA114YUB
200
DTA114YUA
200
DTA114YKA
200
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.3
V
VI(on)
VO = -0.3V, IO = -1mA
-1.4
-
-
Output voltage
VO(on)
IO / II = -5mA / -0.25mA
-
-0.1
-0.3
V
Input current
II
VI = -5V
-
-
-0.88
mA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-0.5
μA
DC current gain
GI
VO = -5V, IO = -5mA
68
-
-
-
Input resistance
R1
-
7
10
13
Resistance ratio
R2/R1
-
3.7
4.7
5.7
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
                                            
 
                                        
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
2/10
20121023 - Rev.001


Similar Part No. - DTA114YE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTA114YE MOTOROLA-DTA114YE Datasheet
139Kb / 6P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA114YE ONSEMI-DTA114YE Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Rohm
DTA114YE ROHM-DTA114YE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
DTA114YE ROHM-DTA114YE Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA114YE JIANGSU-DTA114YE Datasheet
119Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA114YE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com