Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY65W256RL-25LL Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY65W256RL-25LL
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY65W256RL-25LL Datasheet(HTML) 3 Page - Lyontek Inc.

  LY65W256RL-25LL Datasheet HTML 1Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 2Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 3Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 4Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 5Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 6Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 7Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 8Page - Lyontek Inc. LY65W256RL-25LL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LY65W256
Rev. 1.1
32K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
0 to 70(C grade)
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
High-Z
ISB,ISB1
Output Disable
L
H
H
High-Z
ICC
Read
L
L
H
DOUT
ICC
Write
L
X
L
DIN
ICC
Note:
H = VIH, L = VIL, X = Don't care.


Similar Part No. - LY65W256RL-25LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY65W1024JL-25LL LYONTEK-LY65W1024JL-25LL Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024JL-25LLI LYONTEK-LY65W1024JL-25LLI Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024JL-25LLIT LYONTEK-LY65W1024JL-25LLIT Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024JL-25LLT LYONTEK-LY65W1024JL-25LLT Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024LL-25LL LYONTEK-LY65W1024LL-25LL Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY65W256RL-25LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com