Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114TUAT106 Datasheet(PDF) 3 Page - Rohm

Part # DTA114TUAT106
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114TUAT106 Datasheet(HTML) 3 Page - Rohm

  DTA114TUAT106 Datasheet HTML 1Page - Rohm DTA114TUAT106 Datasheet HTML 2Page - Rohm DTA114TUAT106 Datasheet HTML 3Page - Rohm DTA114TUAT106 Datasheet HTML 4Page - Rohm DTA114TUAT106 Datasheet HTML 5Page - Rohm DTA114TUAT106 Datasheet HTML 6Page - Rohm DTA114TUAT106 Datasheet HTML 7Page - Rohm DTA114TUAT106 Datasheet HTML 8Page - Rohm DTA114TUAT106 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA114T series
lElectrical characteristic curves
(Ta = 25°C)
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER
VOLTAGE : VCE (V)
Fig.3 DC Current gain
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
Fig.4 Collector-emitter saturation voltage
vs. Collector Current
COLLECTOR CURRENT : IC (mA)
-0.001
-0.01
-0.1
-1
-10
0
-0.5
-1
-1.5
-2
VCE= -5V
Ta=100ºC
25ºC
-
40ºC
0
-20
-40
-60
-80
-100
0
-5
-10
-
250μA
0A
-
300μA
-
350μA
-
400μA
-
450μA
-
500μA
-
200μA
-
100μA
IB=
-
150μA
-
50μA
Ta=25ºC
3/9
2012.04 - Rev.A


Similar Part No. - DTA114TUAT106

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114TUA ROHM-DTA114TUA Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Taiwan Semiconductor Co...
DTA114TUA TSC-DTA114TUA Datasheet
97Kb / 2P
   PNP Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA114TUA JIANGSU-DTA114TUA Datasheet
78Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA114TUA ROHM-DTA114TUA Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor
logo
Guangdong Kexin Industr...
DTA114TUA KEXIN-DTA114TUA Datasheet
127Kb / 2P
   Digital Transistors
More results

Similar Description - DTA114TUAT106

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com