Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4000 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4000
Description  Offline High Brightness White LED Driver Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4000 Datasheet HTML 1Page - Monolithic Power Systems MP4000 Datasheet HTML 2Page - Monolithic Power Systems MP4000 Datasheet HTML 3Page - Monolithic Power Systems MP4000 Datasheet HTML 4Page - Monolithic Power Systems MP4000 Datasheet HTML 5Page - Monolithic Power Systems MP4000 Datasheet HTML 6Page - Monolithic Power Systems MP4000 Datasheet HTML 7Page - Monolithic Power Systems MP4000 Datasheet HTML 8Page - Monolithic Power Systems MP4000 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP4000 – OFFLINE HIGH BRIGHTNESS WLED DRIVER CONTROLLER
MP4000 Rev. 1.3
www.MonolithicPower.com
4
11/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
DRIVE External MOSFET drive output.
2
CS
LED current sense input. Connect the current sense resistor that programs the LED
current .
3
BOS
Burst Oscillator Setting. For the DC input burst dimming, connect a capacitor from this pin to
GND to program the burst dimming frequency. For the external PWM input burst dimming,
connect a 300k resistor from this pin to GND and apply the logic signal to the DIM pin.
4
GND
Ground.
5
DIM
Burst Dimming Control Input. For DC input control, the voltage range of 0V to 2.4V at DIM
pin linearly sets the burst-mode duty cycle from minimum to 100%. For external PWM input
control, connect the PWM signal to DIM pin. Open DIM pin if no dimming control is applied.
6
NC
No connection. Float this pin.
7
VCC
The VCC voltage provides the power for IC logic and driving external MOSFET. Must be
locally bypassed.
8
TST
Test pin. Connect to GND.


Similar Part No. - MP4000

ManufacturerPart #DatasheetDescription
logo
RFE international
MP40005S RFE-MP40005S Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
logo
Monolithic Power System...
MP4000DS MPS-MP4000DS Datasheet
381Kb / 6P
   350mA Off-Line WLED Driver Evalvation Board For 90-140VAC Input
logo
CHENG-YI ELECTRONIC CO....
MP4000S CHENG-YI-MP4000S Datasheet
148Kb / 2P
   40,50S IN-LINE BRIDGE RECTIFIER
More results

Similar Description - MP4000

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
   Universal Input High Brightness White LED Driver
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
logo
AUK corp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
   High Brightness White LED Lamp
logo
Texas Instruments
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
logo
Monolithic Power System...
MP4700 MPS-MP4700 Datasheet
628Kb / 19P
   High-Brightness, BCM, Low Side Buck White LED Driver
logo
AUK corp
SW3318E-G AUK-SW3318E-G Datasheet
281Kb / 6P
   High Brightness White LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com