Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2051AFJ Datasheet(PDF) 5 Page - Rohm

Part # BD2051AFJ
Description  1.0A Current Limit High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2051AFJ Datasheet(HTML) 5 Page - Rohm

  BD2051AFJ Datasheet HTML 1Page - Rohm BD2051AFJ Datasheet HTML 2Page - Rohm BD2051AFJ Datasheet HTML 3Page - Rohm BD2051AFJ Datasheet HTML 4Page - Rohm BD2051AFJ Datasheet HTML 5Page - Rohm BD2051AFJ Datasheet HTML 6Page - Rohm BD2051AFJ Datasheet HTML 7Page - Rohm BD2051AFJ Datasheet HTML 8Page - Rohm BD2051AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/22
Datasheet
Datasheet
BD2041AFJ
BD2051AFJ
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
08.Mar.2013 Rev.001
TSZ02201-0E3E0H300290-1-2
●Measurement Circuit
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
A
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
RL
CL
IN
OUT
OUT
1uF
VEN(V/EN)
A.
Operating current
B. EN, /EN input voltage, Output rise, fall time
EN(/EN)
OUT
/OC
IN
GND
VIN
CL
IN
OUT
OUT
1uF
IOUT
VIN
10k
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
I/OC
VIN
VEN(V/EN)
C.
ON resistance, Over current detection
D. /OC output LOW voltage
Figure 1. Measurement circuit
●Timing Diagram
TON2
TON1
10%
90%
50%
50%
90%
10%
TOFF2
TOFF1
VOUT
V/EN
TON2
TON1
10%
90%
50%
50%
90%
10%
TOFF2
TOFF1
VOUT
VEN
Figure 2. Timing diagram
Figure 3. Timing diagram
BD2041AFJ
BD2051AFJ


Similar Part No. - BD2051AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2051AFJ ROHM-BD2051AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2051AFJ ROHM-BD2051AFJ Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2051AFJ ROHM-BD2051AFJ Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2051AFJ-E2 ROHM-BD2051AFJ-E2 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
More results

Similar Description - BD2051AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2226G ROHM-BD2226G_14 Datasheet
930Kb / 26P
   1.0A Current Limit High Side Switch ICs
BD82028FVJ ROHM-BD82028FVJ Datasheet
683Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD82029FVJ ROHM-BD82029FVJ Datasheet
667Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com