Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2731T146 Datasheet(PDF) 1 Page - Rohm

Part # 2SK2731T146
Description  Interface and switching (30V, 200mA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK2731T146 Datasheet(HTML) 1 Page - Rohm

  2SK2731T146 Datasheet HTML 1Page - Rohm 2SK2731T146 Datasheet HTML 2Page - Rohm 2SK2731T146 Datasheet HTML 3Page - Rohm 2SK2731T146 Datasheet HTML 4Page - Rohm 2SK2731T146 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FExternal dimensions (Units: mm)
146
Transistors
Interface and switching (30V, 200mA)
2SK2731
FFeatures
1) Low on-resistance.
2) Fast switching speed.
3) Low-voltage drive (4V).
4) Easily designed drive circuits.
5) Easy to parallel.
FStructure
Silicon N-channel
MOSFET
FAbsolute maximum ratings (Ta = 25_C)
FEquivalent circuit


Similar Part No. - 2SK2731T146

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2731 ROHM-2SK2731 Datasheet
112Kb / 4P
   Interface and switching (30V, 200mA)
logo
Guangdong Kexin Industr...
2SK2731 KEXIN-2SK2731 Datasheet
44Kb / 1P
   Silicon N-Channel MOSFET
2SK2731-3 KEXIN-2SK2731-3 Datasheet
1Mb / 3P
   N-Channel MOSFET
2SK2731-HF KEXIN-2SK2731-HF Datasheet
1Mb / 3P
   N-Channel MOSFET
2SK2731-HF-3 KEXIN-2SK2731-HF-3 Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK2731T146

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2731 ROHM-2SK2731 Datasheet
112Kb / 4P
   Interface and switching (30V, 200mA)
logo
Sanyo Semicon Device
SB02-03Q SANYO-SB02-03Q Datasheet
55Kb / 2P
   30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03S SANYO-SB02W03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03C SANYO-SB02W03C Datasheet
60Kb / 2P
   30V, 200mA Rectifier
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
   30V, 200mA Rectifier
FC804 SANYO-FC804 Datasheet
47Kb / 2P
   30V, 200mA Rectifier
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
   30V 200mA Schottky Diode
Rev 1.1 13/07/23
logo
Rohm
RHU002N06 ROHM-RHU002N06 Datasheet
62Kb / 5P
   Switching (60V, 200mA)
SM6K2 ROHM-SM6K2 Datasheet
88Kb / 5P
   Switching (60V, 200mA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com