Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK8603140L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # SK8603140L
Description  Silicon N-channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SK8603140L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  SK8603140L Datasheet HTML 1Page - Panasonic Semiconductor SK8603140L Datasheet HTML 2Page - Panasonic Semiconductor SK8603140L Datasheet HTML 3Page - Panasonic Semiconductor SK8603140L Datasheet HTML 4Page - Panasonic Semiconductor SK8603140L Datasheet HTML 5Page - Panasonic Semiconductor SK8603140L Datasheet HTML 6Page - Panasonic Semiconductor SK8603140L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product Standards
MOS FET
SK8603140L
Absolute Maximum Ratings Ta = 25
C
Note *1 Device mounted on a glass-epoxy board in Figure 1
1. Source
5. Drain
*2 Pulse test: Ensure that the channel temperature does not exceed 150
C
2. Source
6. Drain
*3 VDD = 24 V, VGS = 10 to 0 V, L = 0.1 mH, Tch = 25
C (initial)
3. Source
7. Drain
4. Gate
8. Drain
Page
Internal Connection
Avalanche Energy (Single pulse)
*3
EAR
61
mJ
Avalanche Current (Single pulse)
*3
IAR
23
A
Channel Temperature
Tch
150
C
Storage Temperature Range
Tstg
-55 to +150
50
C / W
Channel to Case
Rth(ch-c)
3.1
Thermal Resistance
Channel to Ambient Rth(ch-a)
2.5
W
Tc = 25
C
40
Total Power
Dissipation
Ta = 25
C, DC *1
PD
Tc = 25
C
103
Pulsed, Tch < 150
C *2
138
Low Drain-source On-state Resistance : RDS(on) typ = 1.8 m
 (VGS = 4.5 V)
Parameter
Drain Current
Ta = 25
C, t = 10 s *1
ID
46
A
Ta = 25
C, DC *1
25
Drain to Source Voltage
VDS
30
V
Gate to Source Voltage
VGS
20
Packaging
Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
(EU RoHS / UL-94 V-0 / MSL : Level 1 compliant)
Marking Symbol :14
Code
JEITA
Symbol
Rating
Unit
4. Gate
SK8603140L
Silicon N-channel MOS FET
Features
 Halogen-free / RoHS compliant
Panasonic
HSO8-F4-B
SC-111BC
Drain
8. Drain
6. Drain
1of 6
Unit : mm
1. Source
5. Drain
2. Source
For Load-switching / For DC-DC Converter
Pin Name
Operating ambient temperature
Topr
-40 to +85
3. Source
7.
Figure 1 FR4 Glass-Epoxy Board
25.4 mm × 25.4 mm × 0.8 mm
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
5.1
1.0
0.22
4.9
1.27
0.4
1
234
5
6
7
8
Doc No. TT4-EA-14461
Revision. 3
Established : 2012-12-10
Revised
: 2013-05-31


Similar Part No. - SK8603140L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SK8603150L PANASONIC-SK8603150L Datasheet
355Kb / 7P
   Silicon N-channel MOS FET
SK8603160L PANASONIC-SK8603160L Datasheet
356Kb / 7P
   Silicon N-channel MOS FET
More results

Similar Description - SK8603140L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com