Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK8603150L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # SK8603150L
Description  Silicon N-channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SK8603150L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  SK8603150L Datasheet HTML 1Page - Panasonic Semiconductor SK8603150L Datasheet HTML 2Page - Panasonic Semiconductor SK8603150L Datasheet HTML 3Page - Panasonic Semiconductor SK8603150L Datasheet HTML 4Page - Panasonic Semiconductor SK8603150L Datasheet HTML 5Page - Panasonic Semiconductor SK8603150L Datasheet HTML 6Page - Panasonic Semiconductor SK8603150L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Standards
MOS FET
SK8603150L
Electrical Characteristics Ta = 25
C  3 C
Note: 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 Measuring methods for transistors.
2. *1 Measurement circuit for Turn-on Delay Time / Rise Time / Turn-off Delay Time / Fall Time
Page 2 of 6
Static Characteristics
Parameter
Symbol
Conditions
Min
Typ Max
Unit
Drain-source Breakdown Voltage
VDSS
ID = 1 mA, VGS = 0 V
30
V
A
Gate-source Leakage Current
IGSS
VGS =
16 V, VDS = 0 V
10
A
Zero Gate Voltage Drain Current
IDSS
10
VDS = 30 V, VGS = 0 V
Gate-source Threshold Voltage
Vth
ID = 4.38 mA, VDS = 10 V
1.3
Drain-source On-state Resistance
RDS(on)1
ID = 20 A, VGS = 10 V
3
3.5
V
1.9
2.5
m
Dynamic Characteristics
Parameter
Symbol
Conditions
Min
Typ Max
RDS(on)2
ID = 20 A, VGS = 4.5 V
2.5
Unit
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V
f = 1 MHz
3 700 5 180
pF
Output Capacitance
Coss
430
602
Reverse Transfer Capacitance
Crss
310
496
ns
Rise Time
*1
tr
14
Turn-on Delay Time
*1
td(on)
VDD = 15 V, VGS = 0 to 10 V
ID = 20 A
13
64
ns
Fall Time
*1
tf
9
Turn-off Delay Time
*1
td(off)
VDD = 15 V, VGS = 10 to 0 V
ID = 20 A
Total Gate Charge
Qg
VDD = 15 V, VGS = 0 to 4.5 V
ID = 20 A
28
nC
Gate to Source Charge
Qgs
9
Gate to Drain Charge
Qgd
10
Gate resistance
rg
f = 5 MHz
0.8
3
Body Diode Characteristic
Parameter
Symbol
Conditions
Min
Typ Max
Unit
0.9
1.2
V
Diode Forward Voltage
VSD
IS = 20 A, VGS = 0 V
Doc No. TT4-EA-14213
Revision. 3
Established : 2012-09-19
Revised
: 2013-05-31


Similar Part No. - SK8603150L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SK8603140L PANASONIC-SK8603140L Datasheet
378Kb / 7P
   Silicon N-channel MOS FET
SK8603160L PANASONIC-SK8603160L Datasheet
356Kb / 7P
   Silicon N-channel MOS FET
More results

Similar Description - SK8603150L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com