Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1546 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK1546
Description  3GHz Low Noise Integer-N Frequency Synthesizer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1546 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK1546 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 14Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
[AK1546]
8. Block Functional Descriptions
1. Frequency Setup
The following formula is used to calculate the frequency setting for the AK1546.
Frequency setting (external VCO output frequency) = FPFD × N
Where :
N
: Dividing number N = [ (P × B) + A ]
FPFD
: Phase detector frequency FPFD = [REFIN] pin input frequency / R counter dividing number
P
: Prescaler Value (See < Address2>:{Pre[1:0]})
B
: B (Programmable) counter value (See <Address1>:{B[12:0]})
A
: A (Swallow) counter value (See <Address1>:{A[5:0]})
Calculation example
The output frequency of external reference frequency oscillator is 10MHz, and FPFD is 200kHz and VCO
frequency is 2460MHz.
AK1546 setting :
R (Reference counter)=10000000/200000 = 50 (<Address0>:{R[13:0]}= “50”)
P=32 (<Address2>:{PRE[1:0]}=”10Bin”)
B=384 (<Address1>:{B[12:0]}=”384”)
A=12 (<Address1>:{A[5:0]}=”12”)
Frequency setting = 200kHz × [ (32×384) + 12] = 2460MHz
Lower limit for setting consecutive dividing numbers
In the AK1546, it is impossible to set consecutive dividing numbers below the lower limit. The lower limit is
calculated by the following formula;
Nmin=P
2-P
For example, in the case of P=16, it can be set 240 and over as consecutive dividing numbers.
MS1388-E-00
11
2012/3


Similar Part No. - AK1546

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
   Serial / Parallel Connection Cable
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1542A AKM-AK1542A Datasheet
998Kb / 37P
   20 to 600MHz Integer-N Frequency Synthesizer
AK1542A AKM-AK1542A_17 Datasheet
1Mb / 38P
   20 to 600MHz Integer-N Frequency Synthesizer
More results

Similar Description - AK1546

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1545 AKM-AK1545 Datasheet
840Kb / 39P
   3.5GHz Low Noise Integer-N Frequency Synthesizer
AK1547 AKM-AK1547 Datasheet
679Kb / 37P
   4GHz Low Noise Integer-N Frequency Synthesizer
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
   8GHz Low Noise Integer-N Frequency Synthesizer
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
   1300MHz Integer-N Frequency Synthesizer
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
   UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Peregrine Semiconductor
PE97240 PSEMI-PE97240 Datasheet
2Mb / 21P
   Radiation Tolerant UltraCMOS Integer-N Frequency Synthesizer for Low Phase Noise Applications
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com