Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1546 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK1546
Description  3GHz Low Noise Integer-N Frequency Synthesizer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1546 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK1546 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1546 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
[AK1546]
4. Pin Functional Description and Assignments
1. Pin Functions
No.
Name
I/O
Pin Functions
Power down
(Note 1)
Remarks
1
CPVSS
G
Charge pump ground
2
TEST1
DI
Test pin 1
Internal pull-down,
Schmidt trigger input
3
AVSS
G
Analog ground
4
RFINN
AI
Complementary input to the RF Prescaler
5
RFINP
AI
Input to the RF Prescaler
6
AVDD
P
Power supply for analog blocks
7
VREF1
AO
Connect reference voltage capacitor for LDO
“Low”
8
REFIN
AI
Reference signal input
9
PVSS
G
Peripherals ground
10
TEST2
DI
Test pin 2
Internal pull-down,
Schmidt trigger input
11
PDN
DI
Power down
Schmidt trigger input
12
CLK
DI
Serial clock input
Schmidt trigger input
13
DATA
DI
Serial data input
Schmidt trigger input
14
LE
DI
Load enable input
Schmidt trigger input
15
LD
DO
Lock detect output
“Low”
16
PVDD
P
Power supply for peripherals
17
VREF2
AO
Connect reference voltage capacitor
“Low”
18
CPVDD
P
Power supply for charge pump
19
BIAS
AIO
Resistance pin for setting charge pump current
20
CP
AO
Charge pump output
“Hi-Z”
Note 1)
“Power Down” means the state of [PDN]=”Low” after power on.
The following table shows the meaning of abbreviations used in the “I/O” column.
AI: Analog input pin
AO: Analog output pin
AIO: Analog I/O pin
DI: Digital input pin
DO: Digital output pin
P: Power supply pin
G: Ground pin
MS1388-E-00
4
2012/3


Similar Part No. - AK1546

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK154-5-R ASSMANN-AK154-5-R Datasheet
79Kb / 1P
   Serial / Parallel Connection Cable
logo
Asahi Kasei Microsystem...
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1542A AKM-AK1542A Datasheet
998Kb / 37P
   20 to 600MHz Integer-N Frequency Synthesizer
AK1542A AKM-AK1542A_17 Datasheet
1Mb / 38P
   20 to 600MHz Integer-N Frequency Synthesizer
More results

Similar Description - AK1546

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1545 AKM-AK1545 Datasheet
840Kb / 39P
   3.5GHz Low Noise Integer-N Frequency Synthesizer
AK1547 AKM-AK1547 Datasheet
679Kb / 37P
   4GHz Low Noise Integer-N Frequency Synthesizer
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
   8GHz Low Noise Integer-N Frequency Synthesizer
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
   1300MHz Integer-N Frequency Synthesizer
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
   UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Peregrine Semiconductor
PE97240 PSEMI-PE97240 Datasheet
2Mb / 21P
   Radiation Tolerant UltraCMOS Integer-N Frequency Synthesizer for Low Phase Noise Applications
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com