Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA038N1-00 Datasheet(PDF) 2 Page - Alpha Industries

Part No. AA038N1-00
Description  28-40 GHz GaAs MMIC Low Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALPHA [Alpha Industries]
Homepage  http://www.alphaind.com
Logo 

AA038N1-00 Datasheet(HTML) 2 Page - Alpha Industries

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
28–40 GHz GaAs MMIC Low Noise Amplifier
AA038N1-00, AA038N2-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 12/99A
-30
-20
-10
0
10
20
30
18 20 22 24 26 28 30 32 34 36 38 40 42
Frequency (GHz)
Typical Small Signal Performance
S-Parameters (VD = 4.5 V)
S21
S11
S22
Typical Gain and Noise Figure
Performance for Three Bias Conditions
Frequency (GHz)
2
3
4
5
6
7
8
9
10
11
18 20 22 24 26 28 30 32 34 36 38 40 42
13
15
17
19
21
23
25
27
29
31
Gain* 3.0 V, 5.5 V
Gain 2.5 V
Gain 4.5 V
NF 4.5 V
NF 2.5 V
NF* 3.0 V, 5.5 V
Typical Gain and Noise Figure
Performance vs. Drain Bias (VD1 = VD2)
VD1 and VD2 (V)
1.0
2.0
3.0
4.0
5.0
6.0
3
5
7
9
11
13
15
17
19
21
23
16
18
20
22
24
26
28
30
32
34
36
Gain
ID
NF
Typical Performance Data
VD2
RF IN
RF OUT
.01
µF 50 pF
.01
µF 50 pF
VD1
Bias Arrangement
D
G
Detail A
RF IN
RF OUT
G
D
G
D
G
D
G
D
VD1
VD2
SEE
DETAIL
A
Circuit Schematic
For biasing on, adjust VD from zero to the desired value
(4.5 V recommended). For biasing off, reverse the biasing on procedure.
*Special Bias: VD1 = 3.0 V, VD2 = 5.5 V


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC263GaAs MMIC LOW NOISE AMPLIFIER 24 - 36 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462LP5GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CMM11102.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn