Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA038N1-00 Datasheet(PDF) 1 Page - Alpha Industries

Part No. AA038N1-00
Description  28-40 GHz GaAs MMIC Low Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALPHA [Alpha Industries]
Homepage  http://www.alphaind.com
Logo 

AA038N1-00 Datasheet(HTML) 1 Page - Alpha Industries

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 12/99A
28–40 GHz GaAs MMIC
Low Noise Amplifier
Features
I Single Bias Supply Operation (4.5 V)
I 3.8 dB Typical Noise Figure at 38 GHz
I 17 dB Typical Small Signal Gain
I 0.25 µm Ti/Pd/Au Gates
I 100% On-Wafer RF, DC and Noise Figure
Testing
I 100% Visual Inspection to MIL-STD-883
MT 2010
Chip Outline
AA038N1-00, AA038N2-00
Description
Alpha’s four-stage reactively-matched 28–40 GHz GaAs
MMIC low noise amplifier has typical small signal gain of
17 dB with a typical noise figure of 3.8 dB at 38 GHz. The
chip uses Alpha’s proven 0.25
µm low noise PHEMT
technology, and is based upon MBE layers and electron
beam lithography for the highest uniformity and
repeatability. The FETs employ surface passivation to
ensure a rugged, reliable part with through-substrate via
holes and gold-based backside metallization to facilitate
a conductive epoxy die attach process.
Parameter
Condition
Symbol
Min.
Typ.3
Max.
Unit
Drain Current
IDS
35
50
mA
Small Signal Gain
F = 28–40 GHz
G
15
17
dB
Noise Figure
F = 38 GHz
NF
3.8
4.2
dB
Input Return Loss
F = 28–40 GHz
RLI
-10
-6
dB
Output Return Loss
F = 28–40 GHz
RLO
-8
-6
dB
Output Power at 1 dB Gain Compression1
F = 38 GHz
P1 dB
6
dBm
Thermal Resistance2
ΘJC
101
°C/W
Electrical Specifications at 25°C (VDS = 4.5 V)
AA038N1-00
Parameter
Condition
Symbol
Min.
Typ.3
Max.
Unit
Drain Current
IDS
35
50
mA
Small Signal Gain
F = 37–39.5 GHz
G
17
19
dB
Noise Figure
F = 38 GHz
NF
3.8
4.2
dB
Input Return Loss
F = 37–39.5 GHz
RLI
-14
-6
dB
Output Return Loss
F = 37–39.5 GHz
RLO
-11
-8
dB
Output Power at 1 dB Gain Compression1
F = 38 GHz
P1 dB
6
dBm
Thermal Resistance2
ΘJC
101
°C/W
AA038N2-00
1. Not measured on a 100% basis.
2. Calculated value based on measurement of discrete FET.
3. Typical represents the median parameter value across the specified
frequency range for the median chip.
0.000
0.588
0.087
0.124
1.355
1.267
1.274
Dimensions indicated in mm.
All DC (V) pads are 0.1 x 0.1 mm and RF In, Out pads are 0.07 mm wide.
Chip thickness = 0.1 mm.
Characteristic
Value
Operating Temperature (TC)
-55°C to +90°C
Storage Temperature (TST)
-65°C to +150°C
Bias Voltage (VD)6 VDC
Power In (PIN)
10 dBm
Junction Temperature (TJ)
175°C
Absolute Maximum Ratings


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC263GaAs MMIC LOW NOISE AMPLIFIER 24 - 36 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462LP5GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CMM11102.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn